Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 18Page - Analog Devices LTC7883 Datasheet HTML 19Page - Analog Devices LTC7883 Datasheet HTML 20Page - Analog Devices LTC7883 Datasheet HTML 21Page - Analog Devices LTC7883 Datasheet HTML 22Page - Analog Devices LTC7883 Datasheet HTML 23Page - Analog Devices LTC7883 Datasheet HTML 24Page - Analog Devices LTC7883 Datasheet HTML 25Page - Analog Devices LTC7883 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
LTC7883
24
Rev. 0
For more information www.analog.com
See Figure 2 for the LTC7883 controller plus the LTC7050/
LTC7051 SilentMOS™ smart power stage. The LTC7050/
LTC7051 have an on-chip diode that can be used by
the LTC7883 to sense the temperature. Use the direct
Figure 2. LTC7883 with LTC7050/LTC7051 SilentMOS Smart Power Stage
VBE measurement option in MFR_PWM_MODE of the
LTC7883. Consult the factory or review the LTC3882 DS
for more information on this temperature sensing method.
PWM
ISNS–
ISNS+
7883 F02
LTC7883
VCC
VCC
GND
PWM
IREF
SW
TDIO
IMON
LTC7050/
LTC7051
TSNS
L1
VOUT
VOUT
COUT
CFIL
0.1µF
C1
4.7nF
RT
750
RB
237
R2
140k
R1
49.9
TYPICAL APPLICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com