Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 9 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 9 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 5Page - Analog Devices LTC7883 Datasheet HTML 6Page - Analog Devices LTC7883 Datasheet HTML 7Page - Analog Devices LTC7883 Datasheet HTML 8Page - Analog Devices LTC7883 Datasheet HTML 9Page - Analog Devices LTC7883 Datasheet HTML 10Page - Analog Devices LTC7883 Datasheet HTML 11Page - Analog Devices LTC7883 Datasheet HTML 12Page - Analog Devices LTC7883 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 26 page
background image
LTC7883
9
Rev. 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Soft-Start Ramp
Start-Up Into a Prebiased Load
Soft-Off Ramp
Output Overvoltage Threshold
Error vs Temperature
Output Overcurrent Threshold
Error vs Temperature
PWM Frequency vs Temperature
TEMPERATURE (°C)
–40
0.10
0.05
0
–0.10
–0.05
–0.15
60
80
7883 G25
120
100
20
40
–20
0
VOUT_OV_FAULT_LIMIT = 2V
VOUT RANGE = 1
1.2
0.8
0.4
0
1.0
0.6
0.2
–0.2
–0.4
7883 G26
TEMPERATURE (°C)
–40
60
80
120
100
20
40
–20
0
500.2
500.1
499.9
499.7
500.0
499.8
499.6
499.5
7883 G27
TEMPERATURE (°C)
–40
60
80
120
100
20
40
–20
0
FREQUENCY_SWITCH = 500kHz
RUN
2V/DIV
VOUT
1V/DIV
5ms/DIV
TOFF_DELAY = 10ms
TOFF_FALL = 5ms
7883 G21
VOUT
0.5V/DIV
1ms/DIV
7883 G19
IL1, IL2
10A/DIV
VIN = 12V
VOUT
0.5V/DIV
0V
1ms/DIV
7883 G20
IL1, IL2
10A/DIV
VIN = 12V
VOUT_COMMAND INL
Regulated Output vs Temperature
VOUT_COMMAND DNL
VOUT (V)
0.3
1.5
1.0
0
0.5
–0.5
–1.0
4.3
5.1
7883 G23
3.5
1.1
2.7
1.9
VOUT (V)
0.3
1.0
0.8
0.4
0
–0.4
0.6
0.2
–0.2
–0.6
–0.8
4.3
5.1
7883 G24
3.5
1.1
2.7
1.9
TEMPERATURE (°C)
–40
1.8000
1.7995
1.7985
1.7975
1.7990
1.7980
1.7970
60
80
7883 G22
120
100
20
40
–20
0
VOUT_COMMAND = 1.8V
DIGITAL SERVO OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com