Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 12 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 12 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 8Page - Analog Devices LTC7883 Datasheet HTML 9Page - Analog Devices LTC7883 Datasheet HTML 10Page - Analog Devices LTC7883 Datasheet HTML 11Page - Analog Devices LTC7883 Datasheet HTML 12Page - Analog Devices LTC7883 Datasheet HTML 13Page - Analog Devices LTC7883 Datasheet HTML 14Page - Analog Devices LTC7883 Datasheet HTML 15Page - Analog Devices LTC7883 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 26 page
background image
LTC7883
12
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
COMP[A/B][1:0]: Error Amplifier Outputs. PWM duty
cycle increases with this control voltage. These are true
low impedance outputs and cannot be directly connected
together when active. For PolyPhase operation, wiring
FB to VDD33 will three-state the error amplifier output of
that channel, making it a slave. PolyPhase control is then
implemented in part by connecting all slave COMP pins
together to one master error amplifier output.
TSNS[A/B][1:0]: External Temperature Sense Inputs. The
LTC7883 supports two methods of calculation of exter-
nal temperature based on forward-biased P/N junctions
between these pins and GND.
VINS[A/B]: VIN Supply Sense. Connect to the VIN power
supply to provide line feedforward compensation. A
change in VIN immediately modulates the input to the
PWM comparator and inversely changes the pulse width
to provide excellent transient line regulation and fixed
modulator voltage gain. An external lowpass filter can be
added to this pin to prevent noisy signals from affecting
the loop gain.
IAVGND[A/B]: IAVG Ground Reference. The same IAVGND
should be shared between all channels of a PolyPhase
rail and connected to system ground at a single point.
IAVGND may be wired directly to GND on units that do
not share phases with other units.
PG[A/B][1:0]: Power Good Indicator Open-Drain Outputs.
These outputs are driven low through a 30µs filter when
the respective channel output is below its programmed
UV fault limit or above its programmed OV fault limit.
If used, a pull-up resistor is required in the application.
Operating voltage range is GND to VDD33.
PWM[A/B][1:0]: PWM Three-State Control Outputs.
These pins provide single-wire PWM switching control
for each channel to an external gate driver, DrMOS or
power block. Operating voltage range is GND to VDD33.
SYNC[A/B]: External Clock Synchronization Input and
Open-Drain Output. If desired, an external clock can
be applied to this pin to synchronize the internal PWM
channels. If an LTC7883 unit is configured as a clock
master, this pin will also pull to ground at the selected
PWM switching frequency with a 125ns pulse width. A
pull-up resistor to 3.3V is required in the application if
SYNC is driven by any LTC7883. Minimize the capacitance
on this line to ensure its time constant is fast enough for
the application.
SCL[A/B]: Serial Bus Clock Input. A pull-up resistor to
3.3V is required in the application.
SDA[A/B]: Serial Bus Data Input and Output. A pull-up
resistor to 3.3V is required in the application.
ALERT[A/B]: Open-Drain Status Output. This pin may
be connected to the system SMBALERT wire-AND inter-
rupt signal and should be left open if not used. If used, a
pull-up resistor is required in the application. Operating
voltage range is GND to VDD33.
FLT[A/B][1:0]: Programmable Digital Inputs and Open-
Drain Outputs for Fault Sharing. Used for channel-to-chan-
nel fault communication and propagation. These pins
should be left open if not used. If used, a pull-up resistor
to 3.3V is required in the application.
RUN[A/B][1:0]: Run Control Inputs and Open-Drain
Outputs. A voltage above 2V is required on these pins
to enable the respective PWM channel. The LTC7883 will
drive these pins low under certain reset/restart conditions
regardless of any PMBus command settings. A pull-up
resistor to 3.3V is required in the application.
ASELA[1:0]: Unit A Serial Bus Address Select Pins. Connect
optional 1% resistor dividers between VDD25A and GND
to these pins to select the serial bus interface address.
ASELB[1:0]: Unit B Serial Bus Address Select Pins. Connect
optional 1% resistor dividers between VDD25B and GND
to these pins to select the serial bus interface address.
VO[A/B][1:0]CFG: Output Voltage Configuration Pins.
Connect optional 1% resistor dividers between VDD25
and GND to these pins to select the output voltage for
each channel.
FCFG[A/B]: Frequency Configuration Pins. Connect an
optional 1% resistor divider between VDD25 and GND to
these pins to configure PWM switching frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com