Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 18Page - Analog Devices LTC7883 Datasheet HTML 19Page - Analog Devices LTC7883 Datasheet HTML 20Page - Analog Devices LTC7883 Datasheet HTML 21Page - Analog Devices LTC7883 Datasheet HTML 22Page - Analog Devices LTC7883 Datasheet HTML 23Page - Analog Devices LTC7883 Datasheet HTML 24Page - Analog Devices LTC7883 Datasheet HTML 25Page - Analog Devices LTC7883 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 26 page
background image
LTC7883
26
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2021
12/21
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
Figure 3. LTC7883 PMBus Interface and Configuration
PART NUMBER DESCRIPTION
COMMENTS
LTM4700
Dual 50A or Single 100A Step-Down DC/DC µModule
Regulator with Digital Power Management
VIN Up to 16V; 0.5V ≤ VOUT (±0.5%) ≤ 1.8V, ±3% IOUT ADC Accuracy,
Fault Logging, I2C/PMBus Interface, 330-Lead BGA Package
LTC3882/
LTC3882-1
Dual Output Multiphase Step-Down DC/DC Voltage Mode
Controller with Digital Power System Management
VIN Up to 38V, 0.5V ≤ VOUT (±0.5%) ≤ 5.25V, Fault Logging, I2C/PMBus
Interface, with EEPROM and 16-Bit ADC.
LTC3884/
LTC3884-1
Dual Output Multiphase Step-Down DC/DC Current Mode
Controller with Sub-mΩ DCR Sensing and Digital Power
Management
VIN Up to 38V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, Fault Logging, I2C/PMBus
Interface, EEPROM, 16-Bit ADC, Input Current Sense, Programmable
Analog Loop Compensation
LTC3886
60V Dual Output Multiphase Step-Down DC/DC Current Mode
Controller with Digital Power System Management
VIN Up to 60V, 0.5V ≤ VOUT (±0.5%) ≤ 13.8V, Fault Logging, I2C/PMBus
Interface, EEPROM, 16-Bit ADC, Input Current Sense, Programmable
Analog Loop Compensation
LTC3887/
LTC3887-1
Dual Output Multiphase Step-Down DC/DC Current Mode
Controller with Digital Power System Management
VIN Up to 24V, 0.5V ≤ VOUT (±0.5%) ≤ 5.5V, Fault Logging, I2C/PMBus
Interface, EEPROM, 16-Bit ADC
LTC3889
60V Dual Output Multiphase Step-Down DC/DC Current Mode
Controller with Digital Power System Management
VIN Up to 60V, 1V ≤ VOUT (±0.5%) ≤ 40V, Fault Logging, I2C/PMBus
Interface, EEPROM, 16-Bit ADC, Input Current Sense, Programmable
Analog Loop Compensation
LTC7880
Dual Output Multiphase DC/DC Current Mode Boost
Controller with Digital Power System Management
VIN Up to 40V, VOUT Up to 60V with ±0.5% Accuracy, Fault Logging,
I2C/PMBus Interface, EEPROM, 16-Bit ADC, Input Current Sense,
Programmable Analog Loop Compensation
LTC2980
16-Channel PMBus Power System Manager Featuring
Accurate Output Voltage Measurement and Trim
Fault Logging, I2C/PMBus Interface, EEPROM, 16-Bit ADC Monitors
16 Output Voltages, 2 Input Voltages and Die Temperature
LTC2980-24
24-Channel PMBus Power System Manager Featuring
Accurate Output Voltage Measurement and Trim
Fault Logging, I2C/PMBus Interface, EEPROM, 16-Bit ADC Monitors
24 Output Voltages, 3 Input Voltages and Die Temperature
LTC7851/
LTC7851-1
Quad Output Multiphase Step-Down DC/DC Voltage Mode
Controller with Soft-Start and Accurate Current Share
VIN up to 27V, 0.6V ≤ VOUT ≤ 5V, Operates up to 2.25MHz with Power FET
Drivers, DrMOS Devices and Power Blocks
LTC3888/
LTC3888-1
Dual Loop, 8-Phase Step-Down DC/DC Controller with Digital
Power System Management
VIN Up to 26.5V; 0.1V ≤ VOUT (±0.5%) ≤ 3.45V, Fault Logging, I2C/PMBus
Interface with NVM and 16-Bit ADC and Load Step Emulation
GND
SDA_A
SCL_A
ALERTA
FLTA1
SHCLKA
SYNCA
SYNCB
4.99k
SHCLKB
10k
FLTA0
FLTB1
FLTB0
2k
PMBus
SHARE_CLK
FAULT
SYNC
WPA
WPB
ALERTB
SCL
SDA
SMBALERT
PMBus
WRITE
ENABLE
SDA_B
SCL_B
VN2222
10k
1k
VDD33
1k
7883 F03
PSM
SHARED
PINS
LTC7883
VDD33
(Also See Figure 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com