Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 18Page - Analog Devices LTC7883 Datasheet HTML 19Page - Analog Devices LTC7883 Datasheet HTML 20Page - Analog Devices LTC7883 Datasheet HTML 21Page - Analog Devices LTC7883 Datasheet HTML 22Page - Analog Devices LTC7883 Datasheet HTML 23Page - Analog Devices LTC7883 Datasheet HTML 24Page - Analog Devices LTC7883 Datasheet HTML 25Page - Analog Devices LTC7883 Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
LTC7883
22
Rev. 0
For more information www.analog.com
Two 100μF SUNCON capacitors and four 22μF ceramic
capacitors are selected to provide acceptable input AC
impedance against the designed converter ripple current.
Ten 220μF ceramic capacitors are chosen for the output to
maintain supply regulation during severe transient condi-
tions and to minimize output voltage ripple.
The power block provides its own output current monitor
signals for use by the LTC7883. The interface network,
shown in detail for differential input CSA1, is also repli-
cated for the other three channels. These remove high
frequency noise from the power block outputs and scale
those signals to be compatible with the LTC7883 inputs. A
fixed common mode reference voltage is required for the
power block –CS[4:1] outputs. A filtered resistor divider
from VDD33 (10k/12.1k/4.3μF) fulfills this requirement,
driving the negative side of the differential current sense
(CSx) signals.
External temperature sense will employ an accurate ∆VBE
method. Q1 serves to sense the temperature of the PCB
as close to the power block as physically possible, and
the 10nF filter capacitor should be placed with the BJT.
Unused TSNS inputs are loaded with 2.74k to produce
a benign reading of about 25ºC with factory EEPROM
settings, if the direct VBE interface mode is selected by
MFR_PWM_MODE_LTC3888-1 on these channels.
Each internal LTC7883 unit must be configured for a
unique address. Resistor configuration is used on the
APPLICATIONS INFORMATION
ASEL pins to program the three most significant PMBus
address bits from EEPROM (MFR_ADDRESS, 0x4X).
Then each unit is given its own unique lower address
nibble, setting the two addresses to 0x4C (Unit A) and
0x4D (Unit B). Ensure the selected addresses do not col-
lide with global addresses or any other specific devices
in the system. Identical MFR_RAIL_ADDRESS should be
set in EEPROM for all four channels to allow single-com-
mand control of common rail parameters such as IOUT_
OC_FAULT_LIMIT. The LTC7883 units also respond to
7-bit global addresses 0x5A and 0x5B. MFR_ADDRESS
and MFR_RAIL_ADDRESS should not be set to either of
these values.
PMBus connections, as well as shared RUN control
and fault propagation (FLT) are provided. SYNC can be
used to synchronize other PWMs to this rail if required.
Recommended PMBus connections and shared PSM con-
nections are shown in more detail in Figure 3.
Pull-ups are provided on all shared open-drain signals
(Figure 1 and Figure 3). The values shown assume a
maximum 100pF line load and PMBus rate of 100kHz.
These pins should not be left floating. Termination to
3.3V ensures the absolute maximum ratings for the pins
are not exceeded. All other operating parameters such
as soft start/stop and desired faults responses are pro-
grammed via PMBus command values stored in internal
LTC7883 EEPROM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com