Electronic Components Datasheet Search
  English  ▼

X  

LTC7883 Datasheet(PDF) 18 Page - Analog Devices

Part # LTC7883
Description  Quad Output PolyPhase Step-Down DC/DC Voltage Mode Controller with Digital Power System Management
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC7883 Datasheet(HTML) 18 Page - Analog Devices

Back Button LTC7883 Datasheet HTML 14Page - Analog Devices LTC7883 Datasheet HTML 15Page - Analog Devices LTC7883 Datasheet HTML 16Page - Analog Devices LTC7883 Datasheet HTML 17Page - Analog Devices LTC7883 Datasheet HTML 18Page - Analog Devices LTC7883 Datasheet HTML 19Page - Analog Devices LTC7883 Datasheet HTML 20Page - Analog Devices LTC7883 Datasheet HTML 21Page - Analog Devices LTC7883 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
LTC7883
18
Rev. 0
For more information www.analog.com
OPERATION
The phase relationships and frequency are independent
of each other, providing numerous application options.
Multiple LTC7883 units/ICs can be synchronized to real-
ize a PolyPhase array. In this case the phases should be
separated by 360/n degrees, where n is the number of
phases driving the output voltage rail.
Serial Bus Addressing
The LTC7883 supports four types of serial bus addressing
schemes to access the individual PWM channels sepa-
rately or jointly.
• Global Bus Addressing
• Power Rail Addressing
• Individual Unit (Device) Addressing
• Page+ Channel Addressing
Each internal unit of the LTC7883 must be given a unique
serial bus address for configuration and control. These
units addresses can be derived from a combination of
external configuration resistors attached to the ASEL
pins and PMBus command values stored in on-board
EEPROM. This method of using ASEL pins to specify
some or all of each unit’s physical address is necessary
when using default factory EEPROM programing, where
both units are assigned to 0x4F. Applying external resistor
configuration for unit addresses is recommended, as it
allows for easier device recovery under a wide range of
programming errors. Refer to the values in Table 7 for full
details on setting each unit address.
Advanced Power Stages
Some LTC7883 factory EEPROM defaults have been
modified from LTC3882-1 values to better accommodate
newer, advanced power stages that provide an output
proportional to load current. Table 3 details these val-
ues. Refer to Figure 1 for an example of interfacing the
LTC7883 to power stages or blocks of this type. If tradi-
tional DCR or discrete resistor sense of output current is
used as shown on the front page, refer to factory EEPROM
defaults given for Table 3 commands in the LTC3882-1
data sheet.
Table 3. Unique LTC7883 Default Factory EEPROM Values
COMMAND NAME
CMD CODE
DESCRIPTION
TYPE
PAGED DATA FORMAT UNITS
DEFAULT VALUE
IOUT_CAL_GAIN
0x38
Ratio of ISENSE ± Voltage
to Sensed Current
R/W Word
Y
L11
mΩ
0.25mΩ
0xAA00
IOUT_OC_FAULT_LIMIT
0x46
Output Overcurrent Fault Limit
R/W Word
Y
L11
A
70.0A
0xEA30
IOUT_OC_WARN_LIMIT
0x4A
Output Overcurrent Warning Limit
R/W Word
Y
L11
A
50.0A
0xE320
MFR_IOUT_CAL_GAIN_TC
0xF6
Output Current Sense Element
Temperature Coefficient
R/W Word
Y
CF
ppm/°C
0ppm/°C
0x0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com