Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 17Page - NXP Semiconductors CD1030 Datasheet HTML 18Page - NXP Semiconductors CD1030 Datasheet HTML 19Page - NXP Semiconductors CD1030 Datasheet HTML 20Page - NXP Semiconductors CD1030 Datasheet HTML 21Page - NXP Semiconductors CD1030 Datasheet HTML 22Page - NXP Semiconductors CD1030 Datasheet HTML 23Page - NXP Semiconductors CD1030 Datasheet HTML 24Page - NXP Semiconductors CD1030 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 67 page
background image
Analog Integrated Circuit Device Data
21
NXP Semiconductors
CD1030
6
General IC functional description
The CD1030 device interacts with many connections outside the module and near the end user. The IC detects changes in switch state
and reports the information to the MCU via the SPI protocol. The input pins generally connected to switches located outside the module
and in proximity to battery in car harnesses. Consequently, the IC must have some external protection including an ESD capacitor and
series resistors, to ensure the energy from the various pulses are limited at the IC.
The IC requires a blocking diode be used on the VBATP pin to protect from a reverse battery condition. The inputs are capable of surviving
reverse battery without a blocking diode and also contain an internal blocking diode from the input to the power supply (VBATP). This
ensures there is no back feeding of voltage/current into the IC, when the voltage on the input is higher than the VBATP pin.
6.1
Battery voltage ranges
The CD1030 device operates from 4.5 V ≤ VBATP ≤ 36 V and is capable of withstanding up to 40 V. The IC operates functionally from
4.5 V < VBATP < 6.0 V, but with degraded parametrics values. Voltages in excess of 40 V must be clamped externally to protect the IC
from destruction. The VBATP pin must be isolated from the main battery node by a diode.
6.1.1
Load dump (overvoltage)
During load dump the CD1030 operates properly up to the VBATP overvoltage. Voltages greater than load dump (~32 V) causes the
current sources to be limited to ~2.0 mA, but the register values are maintained. Upon leaving this overvoltage condition, the original setup
is returned and normal operation begins again.
6.1.2
Jump start (double battery)
During a jump start (double battery) condition, the device must functions normally and meets all the specified parametric values. No
internal faults are set and no abnormal operation noted as a result of operating in this range.
6.1.3
Normal battery range
The normal voltage range is fully functional with all parametrics in the given specification.
6.1.4
Low voltage range (degraded parametrics)
In the VBATP range between 4.5 V to 6.0 V the CD1030 functions normally, but has some degraded parametric values. The SPI functions
normally with no false reporting. The degraded parameters are noted in Table 7 and Table 8. During this condition, the input comparator
threshold is reduced from 4.0 V and remain ratiometrically adjusted, according to the battery level.
6.1.5
Undervoltage lockout
During undervoltage lockout, the MISO output is tri-stated to avoid any data from being transmitted from the CD1030. Any CS_B pulses
are ignored in this voltage range. If the battery enters this range at any point (even during a SPI word), the CD1030 ignores the word and
enters lockout mode. A SPI bit register is available to notify the MCU the CD1030 has seen an undervoltage lockout condition, once the
battery is high enough to leave this range. During this mode, the input comparator and current sources are turned off.
6.1.6
Power On Reset (POR) activated
The Power on Reset is activated when the VBATP is within the 2.7 V to 3.8 V range. The CD1030 is initialized in undervoltage lockout
after the POR is de-asserted. A SPI bit in the device configuration register is used to note a POR occurrence, all SPI registers are reset
to the default values, and SPI operation is disabled.
6.1.7
No operation
The device does not function and no switch detection is possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com