Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 35Page - NXP Semiconductors CD1030 Datasheet HTML 36Page - NXP Semiconductors CD1030 Datasheet HTML 37Page - NXP Semiconductors CD1030 Datasheet HTML 38Page - NXP Semiconductors CD1030 Datasheet HTML 39Page - NXP Semiconductors CD1030 Datasheet HTML 40Page - NXP Semiconductors CD1030 Datasheet HTML 41Page - NXP Semiconductors CD1030 Datasheet HTML 42Page - NXP Semiconductors CD1030 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 67 page
background image
Analog Integrated Circuit Device Data
39
NXP Semiconductors
CD1030
Table 16. Device configuration register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0000_001
0/1
FAULT
STATUS
INTflg
Unused
SBPOLL
TIME
VBATP OV
disable
Default on POR
X
X
00
0000
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
WAKE_B
VDDQ Check
INT_B out
Aconfig1
Aconfig0
SP11
SP10
SP9
SP8
1000
1111
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
1111
1111
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0000_001[R/W]
FAULT
STATUS
INTflg
Register Data
Table 17. Device configuration bits definition
Bit
Functions
Default value
Description
23
FAULT
STATUS
X
The FAULT STATUS flag is a read only bit. It is set when a fault occurs and it is cleared upon reading the fault
status register with no fault event is present anymore. It is a global variable and clearing the flag once clears
it for all registers.
22
INTflg
X
The INTflg is a read only bit. It is set when an interrupt event occurs and it is cleared upon a read/write
transaction of a register containing the INTflg. It is a global variable and clearing the flag once clears it for all
registers.
21-18
Unused
0
Unused
17
SBPOLLTIME
0
Select the polling time for SP channels configured as SB.
• A logic [0] set the active polling timer to 1.0 ms,
• A logic [1] sets the active polling timer to 55
μs.
16
VBATP OV
Disable
0
VBATP Overvoltage protection
• 0 - Enabled
• 1 - Disable
15
WAKE_B
VDDQ Check
1
Enable/Disable WAKE_B to wake-up the device on falling edge when VDDQ is not present.
• 0 - WAKE_B is pulled up to VDDQ (internally and/or externally). WAKE_B is ignored while in LPM if VDDQ
is low.
• 1 - WAKE_B is externally pulled up to VBATP or VDDQ and wakes upon a falling edge of the WAKE_B pin
regardless of the VDDQ status.(VDDQ is not expected to go low)
14
Int_B_Out
0
Interrupt pin behavior
• 0 - INT pin stays low when interrupt occurs
• 1 - INT pin pulse low and return high
13-12
Aconfig(1-0)
00
Configure the AMUX output control method
• 00 - SPI (default)
• 01 - SPI
• 10 - HW 2-bit
• 11 - HW 3-bit
Refer to section 7.7, AMUX functional block, page 31 for details on 2 and 3-bit hardwire configuration.
11-0
SP11 - SP0
111_1111_1111
Configure the SP pin as Switch to Battery (SB) or Switch to ground (SG)
• 0 - Switch to Ground
• 1 - Switch to Battery



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com