Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 42Page - NXP Semiconductors CD1030 Datasheet HTML 43Page - NXP Semiconductors CD1030 Datasheet HTML 44Page - NXP Semiconductors CD1030 Datasheet HTML 45Page - NXP Semiconductors CD1030 Datasheet HTML 46Page - NXP Semiconductors CD1030 Datasheet HTML 47Page - NXP Semiconductors CD1030 Datasheet HTML 48Page - NXP Semiconductors CD1030 Datasheet HTML 49Page - NXP Semiconductors CD1030 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 67 page
background image
Analog Integrated Circuit Device Data
NXP Semiconductors
46
CD1030
7.9.12 Interrupt enable SP register
The interrupt register defines the inputs allowed to interrupt the CD1030 Normal mode. Programming the interrupt bit to logic [0] disables
the specific input from generating an interrupt. Programming the interrupt bit to logic [1] enables the specific input to generate an interrupt
with switch change of state. The MCU may change or update the interrupt register via software at any time in Normal mode. The Interrupt
register defaults to 1 (Interrupt enabled).
7.9.13 Interrupt enable SG register
The interrupt register defines the inputs allowed to interrupt the CD1030 Normal mode. Programming the interrupt bit to logic [0] disables
the specific input from generating an interrupt. Programming the interrupt bit to logic [1] enables the specific input to generate an interrupt
with switch change of state. The MCU may change or update the interrupt register via software at any time in Normal mode. The Interrupt
register defaults to 1 (Interrupt enabled).
Table 28. Interrupt enable SP register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0001_101
0/1
FAULT
STATUS
INTflg
Unused
Default on POR
X
X
00
000
0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
SP11
SP10
SP9
SP8
0000
111
1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
1111
111
1
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0001_101[R/W]
FAULT
STATUS
INTflg
Register Data
Table 29. Interrupt enable SG register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0001_110
0/1
FAULT
STATUS
INTflg
Unused
SG20
SG19
SG18
SG17
SG16
Default on POR
X
X
011
111
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SG15
SG14
SG13
SG12
SG11
SG10
SG9
SG8
11
111
111
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7
SG6
SG5
SG4
SG3
SG2
SG1
SG0
11
111
111
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0001_110[R/W]
FAULT
STATUS
INTflg
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com