Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 45Page - NXP Semiconductors CD1030 Datasheet HTML 46Page - NXP Semiconductors CD1030 Datasheet HTML 47Page - NXP Semiconductors CD1030 Datasheet HTML 48Page - NXP Semiconductors CD1030 Datasheet HTML 49Page - NXP Semiconductors CD1030 Datasheet HTML 50Page - NXP Semiconductors CD1030 Datasheet HTML 51Page - NXP Semiconductors CD1030 Datasheet HTML 52Page - NXP Semiconductors CD1030 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 67 page
background image
Analog Integrated Circuit Device Data
49
NXP Semiconductors
CD1030
7.9.17 Comparator only SP
The comparator only register allows the input comparators to be active during LPM with no polling current. In this case, the inputs can
receive a digital signal on the order of the LPM clock cycle and wake-up on a change of state. This register is intended to be used for
signals that are driven by an external chip and drive to 5.0 V.
7.9.18 Comparator only SG
The comparator only register allows the input comparators to be active during LPM with no polling current. In this case, the inputs can
receive a digital signal on the order of the LPM clock cycle and wake-up on a change of state. This register is intended to be used for
signals driven by an external chip and drive to 5.0 V.
Table 34. Comparator only SP register
Register Address
R/W
SPI Data Bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0010_010
0/1
FAULT
STATUS
INTflg
Unused
Default on POR
X
X
000000
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
SP11
SP10
SP9
SP8
00000000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
00000000
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0010_010[R/W]
FAULT
STATUS
INTflg
Register Data
Table 35. Comparator only SG register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0010_011
0/1
FAULT
STATUS
INTflg
Unused
SG20
SG19
SG18
SG17
SG16
Default on POR
X
X
000000
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SG15
SG14
SG13
SG12
SG11
SG10
SG9
SG8
00000000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7SG6
SG5SG4
SG3SG2
SG1SG0
00000000
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0010_011[R/W]
FAULT
STATUS
INTflg
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com