Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 42 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 38Page - NXP Semiconductors CD1030 Datasheet HTML 39Page - NXP Semiconductors CD1030 Datasheet HTML 40Page - NXP Semiconductors CD1030 Datasheet HTML 41Page - NXP Semiconductors CD1030 Datasheet HTML 42Page - NXP Semiconductors CD1030 Datasheet HTML 43Page - NXP Semiconductors CD1030 Datasheet HTML 44Page - NXP Semiconductors CD1030 Datasheet HTML 45Page - NXP Semiconductors CD1030 Datasheet HTML 46Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 67 page
background image
Analog Integrated Circuit Device Data
NXP Semiconductors
42
CD1030
7.9.7
Wetting current level SG register 0
Three bits are used to control the configurable wetting currents for each individual input pin with the values set in the Table 22. The default
configuration is 16 mA for all channels. The MCU may change or update the wetting current register via software at any time in Normal
mode.
See Table 25 for the selectable wetting current level values for both SPx and SGx pins.
7.9.8
Wetting current level SG register 1
Three bits are used to control the configurable wetting currents for each individual input pin with the values set in the Table 23. The default
configuration is 16 mA for all channels. The MCU may change or update the wetting current register via software at any time in Normal
mode.
See Table 25 for the selectable wetting current level values for both SPx and SGx pins.
Table 22. Wetting current level SG register 0
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit [23 - 21]
bit [20 - 18]
bit [17 - 16]
0000_101
0/1
SG7 [2-0]
SG6[2-0]
SG5[2-1]
Default on POR
110
110
11
bit [15]
bit [14 - 12]
bit [11 - 9]
bit [8]
SG5[0]
SG4 [2-0]
SG3[2-0]
SG2[2]
0
110
110
1
bit [7 - 6]
bit [5 - 3]
bit [2 - 0]
SG2[1-0]
SG1[2-0]
SG0[2-0]
10
110
110
MISO Return Word
bits [23 - 0]
0000_101[R/W]
Register Data
Table 23. Wetting current level SG register 1
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit [23 - 21]
bit [20 - 18]
bit [17 - 16]
0000_110
0/1
SG15[2-0]
SG14[2-0]
SG13[2-1]
Default on POR
110
110
11
bit [15]
bit [14 - 12]
bit [11 - 9]
bit [8]
SG13[0]
SG12 [2-0]
SG11[2-0]
SG10[2]
0
110
110
1
bit [7 - 6]
bit [5 - 3]
bit [2 - 0]
SG10[1-0]
SG9[2-0]
SG8[2-0]
10
110
110
MISO Return Word
bits [23 - 0]
0000_110[R/W]
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com