Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 9Page - NXP Semiconductors CD1030 Datasheet HTML 10Page - NXP Semiconductors CD1030 Datasheet HTML 11Page - NXP Semiconductors CD1030 Datasheet HTML 12Page - NXP Semiconductors CD1030 Datasheet HTML 13Page - NXP Semiconductors CD1030 Datasheet HTML 14Page - NXP Semiconductors CD1030 Datasheet HTML 15Page - NXP Semiconductors CD1030 Datasheet HTML 16Page - NXP Semiconductors CD1030 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 67 page
background image
Analog Integrated Circuit Device Data
13
NXP Semiconductors
CD1030
Digital Interface (Continued)
VOHMISO
MISO High-side Output Voltage
•IOHMISO = -1.0 mA
VDDQ – 0.8
—
VDDQ
V
VOLMISO
MISO Low-side Output Voltage
•IOLMISO = 1.0 mA
——
0.4
V
CIN
Input Capacitance on SCLK, MOSI, Tri-state MISO (GBD)
—
—
20
pF
Analog MUX Output
VOFFSET
Input Offset Voltage When Selected as Analog
-15
—
15
mV
VOLAMUX
Analog Operational Amplifier Low Output Voltage
•Sink 1.0 mA
——
50
mV
VOHAMUX
Analog Operational Amplifier High Output Voltage
• Source 1.0 mA
VDDQ – 0.1
—
—
V
AMUX Selectable Outputs
Temp-Coeff
Chip Temperature Sensor Coefficient
—
8.0
—
mV/°C
VBATSNSACC
Battery Sense (SG5 config) Accuracy
• Battery voltage (SG5 input) divided by 6
• Accuracy over full temperature range
-5.0
—
5.0
%
VBATSNSDIV
Divider By 6 coefficient accuracy
• Offset over operating voltage range (VBATP = 6.0 V to 28 V)
-3.0
—
3.0
%
(22)
INT_B
VOLINT
INT_B Output Low Voltage
•IOUT = 1.0 mA
—0.2
0.5
V
VOHINT
INT_B Output High Voltage
• INT_B = Open-circuit
VDDQ – 0.5
—
VDDQ
V
RPU
Pull-up Resistor to VDDQ
40
125
270
k
Ω
ILEAKINT_B
Leakage Current INT_B
• INT_B pulled up to VDDQ
——
1.0
µA
Temperature Limit
tFLAG
Temperature Warning
• First flag to trip
105
120
135
°C
tLIM
Temperature Monitor
155
—
185
°C
(23)
tLIM(HYS)
Temperature Monitor Hysteresis
5.0
—
15
°C
(23)
WAKE_B
RWAKE_B(RPU)
WAKE_B Internal pull-up Resistor to VDDQ
40
125
270
k
Ω
VWAKE_B(VOH)
WAKE_B Voltage High
• WAKE_B = Open-circuit
VDDQ -1.0
—
VDDQ
V
VWAKE_B(VOL)
WAKE_B Voltage Low
• WAKE_B = 1.0 mA (RPU to VBATP = 16 V)
——
0.4
V
Table 7. Static electrical characteristics (continued)
TA = - 40 °C to +125 °C, VDDQ = 3.1 V to 5.25 V, VBATP = 6.0 V to 28.0 V, unless otherwise noted.
Symbol
Characteristic
Min.
Typ.
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com