Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 36Page - NXP Semiconductors CD1030 Datasheet HTML 37Page - NXP Semiconductors CD1030 Datasheet HTML 38Page - NXP Semiconductors CD1030 Datasheet HTML 39Page - NXP Semiconductors CD1030 Datasheet HTML 40Page - NXP Semiconductors CD1030 Datasheet HTML 41Page - NXP Semiconductors CD1030 Datasheet HTML 42Page - NXP Semiconductors CD1030 Datasheet HTML 43Page - NXP Semiconductors CD1030 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
Analog Integrated Circuit Device Data
NXP Semiconductors
40
CD1030
7.9.3
Tri-state SP register
The tri-state command is used to set the input nodes as high-impedance (Table 18). By setting the tri-state register bit to logic [1], the
input is high-impedance regardless of the wetting current setting. The configurable comparator (4.0 V default) on each input remains
active. The MCU may change or update the tri-state register via software at any time in Normal mode. The tri-state register defaults to 1
(inputs are tri-stated). Any input in tri-state mode is still polled in LPM but the current source is not active during this time. The
determination of change of state occurs at the end of the tACTIVEPOLL and the wake-up decision is made.
7.9.4
Tri-state SG register
The tri-state command is used to set the input nodes as high-impedance (Table 19). By setting the tri-state register bit to logic [1], the
input is high-impedance regardless of the wetting command setting. The configurable comparator (4.0 V default) on each input remains
active. The MCU may change or update the tri-state register via software at any time in Normal mode. The tri-state register defaults to 1
(inputs are tri-stated). Any input in tri-state is still polled in LPM but the current source is not active during this time. The determination of
change of state occurs at the end of the tACTIVEPOLL and the wake-up decision is made.
Table 18. Tri-state SP register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0000_010
0/1
FAULT
STATUS
INTflg
Unused
Default on POR
X
X
00
000
0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
SP11
SP10
SP9
SP8
0000
111
1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
1111
111
1
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0000_010[R/W]
FAULT
STATUS
INTflg
Register Data
Table 19. Tri-state SG register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0000_011
0/1
FAULT
STATUS
INTflg
Unused
SG20
SG19
SG18
SG17
SG16
Default on POR
X
X
0
111
11
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SG15
SG14
SG13
SG12
SG11
SG10
SG9
SG8
111
111
11
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7
SG6
SG5
SG4
SG3
SG2
SG1
SG0
111
111
11
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0000_011[R/W]
FAULT
STATUS
INTflg
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com