Electronic Components Datasheet Search
  English  ▼

X  

CD1030 Datasheet(PDF) 44 Page - NXP Semiconductors

Part # CD1030
Description  33 channel multiple switch detection interface with programmable wetting current
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

CD1030 Datasheet(HTML) 44 Page - NXP Semiconductors

Back Button CD1030 Datasheet HTML 40Page - NXP Semiconductors CD1030 Datasheet HTML 41Page - NXP Semiconductors CD1030 Datasheet HTML 42Page - NXP Semiconductors CD1030 Datasheet HTML 43Page - NXP Semiconductors CD1030 Datasheet HTML 44Page - NXP Semiconductors CD1030 Datasheet HTML 45Page - NXP Semiconductors CD1030 Datasheet HTML 46Page - NXP Semiconductors CD1030 Datasheet HTML 47Page - NXP Semiconductors CD1030 Datasheet HTML 48Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
Analog Integrated Circuit Device Data
NXP Semiconductors
44
CD1030
7.9.11
Continuous wetting current SG register
Each switch input has a designated 20 ms timer. The timer starts when the specific switch input crosses the comparator threshold. When
the 20 ms timer expires, the contact current is reduced from the configured wetting current (16 mA) to 2.0 mA. The wetting current is
defined to be at an elevated level that reduces to the lower sustain current level after the timer has expired. With multiple wetting current
timers disabled, power dissipation for the IC must be considered.
The MCU may change or update the continuous wetting current register via software at any time in Normal mode. This allows the MCU
to control the amount of time wetting current is applied to the switch contact. Programming the continuous wetting current bit to logic [0]
operates normally with a higher wetting current followed by sustain current after 20 ms (Pulse wetting current operation). Programming to
logic [1] enables the continuous wetting current (Table 27) and results in a full time wetting current level. The continuous wetting current
register defaults to 0 (pulse wetting current operation).
Table 26. Continuous wetting current SP register
Register address
R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0001_011
0/1
FAULT
STATUS
INTflg
Unused
Default on POR
X
X
00
000
0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
Unused
SP11
SP10
SP9
SP8
0000
000
0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SP7
SP6
SP5
SP4
SP3
SP2
SP1
SP0
0000
000
0
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0001_011[R/W]
FAULT
STATUS
INTflg
Register Data
Table 27. Continuous wetting current SG register
Register address R/W
SPI data bits [23 - 0]
[31-25]
[24]
bit 23
bit 22
bit 21
bit 20
bit 19
bit 18
bit 17
bit 16
0001_100
0/1
FAULT
STATUS
INTflg
Unused
SG20
SG19
SG18
SG17
SG16
Default on POR
X
X
00
00
0
0
bit 15
bit 14
bit 13
bit 12
bit 11
bit 10
bit 9
bit 8
SG15
SG14
SG13
SG12
SG11
SG10
SG9
SG8
000
00
000
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
SG7SG6
SG5SG4
SG3SG2
SG1SG0
000
00
000
MISO Return Word
bit 23
bit 22
bits [21 - 0]
0001_100[R/W]
FAULT
STATUS
INTflg
Register Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com