Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 4 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 4 Page - Texas Instruments

  MCT8316AV Datasheet HTML 1Page - Texas Instruments MCT8316AV Datasheet HTML 2Page - Texas Instruments MCT8316AV Datasheet HTML 3Page - Texas Instruments MCT8316AV Datasheet HTML 4Page - Texas Instruments MCT8316AV Datasheet HTML 5Page - Texas Instruments MCT8316AV Datasheet HTML 6Page - Texas Instruments MCT8316AV Datasheet HTML 7Page - Texas Instruments MCT8316AV Datasheet HTML 8Page - Texas Instruments MCT8316AV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 179 page
background image
Table 5-1. MCT8316AV (I2C variant) vs MCT8316AT (Hardware variant) configuration comparison
(continued)
Parameter
MCT8316AV (I2C variant)
MCT8316AT (Hardware variant)
PWM Switching Frequency
PWM_FREQ_OUT (32 settings)
CONFIG_1 pin (8 settings)
PWM Modulation
PWM_MODUL (3 settings)
Mixed modulation
PWM Mode
PWM_MODE (2 settings)
Single-ended mode
Lead Angle Polarity
LD_ANGLE_POLARITY
Positive
Lead Angle
LD_ANGLE( 256 settings)
LDANGLE pin (16 settings)
Dynamic Degauss Enable
DYN_DEGAUSS_EN (2 settings)
RMP_1, RMP_2 pins (2 settings)
BEMF Threshold
BEMF_THRESHOLD1 and
BEMF_THRESHOLD2 (64 settings)
LDANGLE pin (16 settings)
Fast Start-up Enable
INTEG_ZC_METHOD (2 settings)
RMP_1, RMP_2 pin (2 settings)
Speed/ Power Loop Enable
CLOSED_LOOP_MODE (4 settings)
Disable
Maximum Speed
MAX_SPEED (65536 settings)
N/A since CLOSED_LOOP_MODE is set to
Disable
Speed/ Power Loop Max. Duty Cycle
SPD_POWER_V_MAX (8 settings)
Speed/ Power Loop Min. Duty Cycle
SPD_POWER_V_MIN (8 settings)
Speed/ Power Loop Kp
SPD_POWER_KP (1024 settings)
Speed/ Power Loop Ki
SPD_POWER_KI (4096 settings)
Power Regulation Mode
CONST_POWER_MODE (4 settings)
Maximum Power
MAX_POWER (1024 settings)
Constant Power Limit Hysteresis
CONST_POWER_LIMIT_HYST (4 settings)
Fast Deceleration Enable
FAST_DECEL_EN (2 settings)
Disable
Fast Deceleration Current Limit
FAST_DECEL_CURR_LIM (16 settings)
N/A since FAST_DECEL_EN is set to Disable
Fast Deceleration Speed Delta
FAST_BRK_DELTA (8 settings)
Fast Deceleration Duty Threshold
FAST_DEC_DUTY_THR (8 settings)
Fast Deceleration Duty Window
FAST_DEC_DUTY_WIN (8 settings)
Dynamic Brake Current Limit Enable
DYNAMIC_BRK_CURR (2 settings)
Dynamic Brake Current Low Limit
DYN_BRK_CURR_LOW_LIM (16 settings)
FG Signal Configuration Parameters
FG Output Mode Select
FG_SEL (3 settings)
Output FG in open and closed loop
FG division factor
FG_DIV (16 settings)
Divide by 1 (2-pole motor)
FG Configuration
FG_CONFIG (2 settings)
FG active as long as motor is driven
FG BEMF Threshold
FG_BEMF_THR (8 settings)
N/A since FG_CONFIG is set to FG active as
long as motor is driven
Motor Stop Configuration Parameters
Motor Stop Method
MTR_STOP (5 settings)
Recirculation mode
Motor Brake Time
MTR_STOP_BRK_TIME (16 settings)
1000-ms
Active Spin-down Brake Duty Cycle
Threshold
ACT_SPIN_BRK_THR (8 settings)
N/A since MTR_STOP set to recirculation
mode
Brake Duty Threshold
BRAKE_DUTY_THRESHOLD (8 settings)
Immediate
AVS Enable
AVS_EN (2 settings)
Enable
Fault Protection Parameters
Cycle-by-Cycle(CBC) Current Limit
CBC_ILIMIT (16 settings)
ILIMIT_2 pin (7 settings)
CBC Current Limit Mode
CBC_ILIMIT_MODE (9 settings)
Auto recovery next PWM cycle; nFault active;
driver is in recirculation state
Lock Current Limit Mode
LOCK_ILIMIT_MODE (9 settings)
Disable
Lock Current Limit
LOCK_ILIMIT (16 settings)
N/A since LOCK_ILIMIT_MODE is set to
Disable
Lock Current Deglitch Time
LOCK_ILIMIT_DEG (16 settings)
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
4
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com