Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 98 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 98 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 94Page - Texas Instruments MCT8316AV Datasheet HTML 95Page - Texas Instruments MCT8316AV Datasheet HTML 96Page - Texas Instruments MCT8316AV Datasheet HTML 97Page - Texas Instruments MCT8316AV Datasheet HTML 98Page - Texas Instruments MCT8316AV Datasheet HTML 99Page - Texas Instruments MCT8316AV Datasheet HTML 100Page - Texas Instruments MCT8316AV Datasheet HTML 101Page - Texas Instruments MCT8316AV Datasheet HTML 102Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 179 page
background image
Table 8-30. MOTOR_STARTUP2 Register Field Descriptions (continued)
Bit
Field
Type
Reset
Description
26-23
OL_ILIMIT
R/W
0h
Open loop current limit (OL current threshold (A) = OL_CURR_THR /
CSA_GAIN)
0h = N/A
1h = 0.1V
2h = 0.2 V
3h = 0.3 V
4h = 0.4 V
5h = 0.5 V
6h = 0.6 V
7h = 0.7 V
8h = 0.8 V
9h = 0.9 V
Ah = 1 V
Bh = 1.1 V
Ch = 1.2 V
Dh = 1.3 V
Eh = 1.4 V
Fh = 1.5 V
22-18
OL_ACC_A1
R/W
0h
Open loop acceleration A1
0h = 0.005 Hz/s
1h = 0.01 Hz/s
2h = 0.025 Hz/s
3h = 0.05 Hz/s
4h = 0.1 Hz/s
5h = 0.25 Hz/s
6h = 0.5 Hz/s
7h = 1 Hz/s
8h = 2.5 Hz/s
9h = 5 Hz/s
Ah = 7.5 Hz/s
Bh = 10 Hz/s
Ch = 12.5 Hz/s
Dh = 15 Hz/s
Eh = 20 Hz/s
Fh = 30 Hz/s
10h = 40 Hz/s
11h = 50 Hz/s
12h = 60 Hz/s
13h = 75 Hz/s
14h = 100 Hz/s
15h = 125 Hz/s
16h = 150 Hz/s
17h = 175 Hz/s
18h = 200 Hz/s
19h = 250 Hz/s
1Ah = 300 Hz/s
1Bh = 400 Hz/s
1Ch = 500 Hz/s
1Dh = 750 Hz/s
1Eh = 1000 Hz/s
1Fh = No Limit (32767) Hz/s
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
98
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com