Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 1 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 1 Page - Texas Instruments

  MCT8316AV Datasheet HTML 1Page - Texas Instruments MCT8316AV Datasheet HTML 2Page - Texas Instruments MCT8316AV Datasheet HTML 3Page - Texas Instruments MCT8316AV Datasheet HTML 4Page - Texas Instruments MCT8316AV Datasheet HTML 5Page - Texas Instruments MCT8316AV Datasheet HTML 6Page - Texas Instruments MCT8316AV Datasheet HTML 7Page - Texas Instruments MCT8316AV Datasheet HTML 8Page - Texas Instruments MCT8316AV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 179 page
background image
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
1 Features
• Three-phase BLDC motor driver with integrated
sensorless motor control algorithm
– Code-free high speed Trapezoidal Control
– Supports upto 3 kHz (electrical frequency)
– Very fast startup time (<50 ms)
– Fast Deceleration (<150 ms)
– Supports 120° or 150° modulation to improve
acoustic performance
– Windmilling support through forward
resynchronization and reverse drive
– Analog, PWM, freq. or I2C based speed input
– Active Demagnetization to reduce power losses
– Configurable motor startup and stop options
– Optional closed loop speed control
– Anti-voltage surge protections prevents
overvoltage
– Variable monitoring through DACOUT
• 4.5- to 35-V operating voltage (40-V abs max)
• High output current capability: 8-A peak
• Low MOSFET on-state resistance
– 95-mΩ RDS(ON) (HS + LS) at TA = 25°C
• Low power sleep mode
– 3-µA (maximum) at VVM = 24-V, TA = 25°C
• Speed loop accuracy: 3% with internal clock and
1% with external clock reference
• Flexible device configuration options
– MCT8316AV: I2C interface (EEPROM)
– MCT8316AT: Hardware pin based configuration
• Supports up to 100-kHz PWM frequency for low
inductance motor support
• Does not require external current sense resistor
• Built-in 3.3-V ±5%, 20-mA LDO regulator
• Built-in 3.3-V/5-V, 170-mA buck regulator
• Dedicated DRVOFF pin to disable (Hi-Z) outputs
• Spread spectrum and slew rate for EMI mitigation
• Suite of Integrated protection features
– Supply undervoltage lockout (UVLO)
– Motor lock detection (5 different types)
– Overcurrent protection (OCP)
– Thermal warning and shutdown (OTW/TSD)
– Fault condition indication pin (nFAULT)
– Optional fault diagnostics over I2C interface
2 Applications
• Brushless-DC (BLDC) Motor Modules
• Robotic Vacuum Suction Motors
• Motor Cycle Fuel Pumps
• Appliance Fans and Pumps
• Automotive Fan and Blowers
• Medical CPAP Blowers
3 Description
The MCT8316A provides a single-chip, code-
free sensorless trapezoidal solution for customers
requiring high speed operation (up to 3kHz electrical)
or very fast startup time (<50ms) for 12- to 24-V
brushless-DC motors up to 8-A peak current. The
MCT8316A integrates three 1/2-H bridges with 40-V
absolute maximum capability and a very low RDS(ON)
of 95 mΩ (high-side + low-side). Power management
features of an adjustable buck regulator and LDO
generate the 3.3-V or 5.0-V voltage rails for the device
and can be used to power external circuits.
Sensorless trapezoidal control is highly configurable
through register settings (MCT8316AV) or hardware
pins (MCT8316AT) ranging from motor start-up
behavior to closed loop operation. Register settings
for MCT8316AV can be set in non-volatile EEPROM,
which allows the device to operate stand-alone once
it has been configured. The device receives a speed
command through a PWM input, analog voltage,
variable frequency square wave or I2C command.
There are a large number of protection features
integrated into the MCT8316A, intended to protect the
device, motor, and system against fault events.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
MCT8316A1V
VQFN (40)
7.00 mm × 5.00 mm
MCT8316A1T
VQFN (40)
7.00 mm × 5.00 mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Documentation for reference:
• Refer E2E FAQ for clarification.
• Refer MCT8316A tuning guide
• Refer to the MCT8316A EVM GUI
MCT8316A
Buck/LDO Regulator
Integrated Current Sensing
EEPROM
/HW
Sensorless
Trap
DIRECTION
BRAKE
I
2C/HW
Op onal during opera on;
I
2C speed, diagnos cs, or
on-the- y con gura on
PWM, analog, frequency or
commanded over I
2C
SPEED
FG
Speed feecback
nFAULT
DACOUTx
Op onal real- me variable
monitoring, 12-bit DAC
A
B
C
4.5 to 35-V (40-V abs max)
8-A peak output current,
typically 12 to 24-V
Buck out
3.3 or 5.0-V, up to 170-mA
A
LDO out
3.3-V, up to 20-mA
Simplified Schematic
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - MCT8316AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316A TI1-MCT8316A Datasheet
4Mb / 154P
MCT8316A-Q1 High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
MAY 2024
MCT8316A-Q1 TI1-MCT8316A-Q1 Datasheet
4Mb / 154P
MCT8316A-Q1 High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
MAY 2024
MCT8316A1T TI-MCT8316A1T Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCT8316A1V TI-MCT8316A1V Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
More results

Similar Description - MCT8316AV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MCT8316Z TI-MCT8316Z Datasheet
2Mb / 91P
MCT8316Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
MCF8316A TI-MCF8316A Datasheet
6Mb / 167P
MCF8316A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
SLLSFI0 ??AUGUST 2021
MCT8316A TI-MCT8316A Datasheet
4Mb / 168P
MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
SLLSFH8 ??AUGUST 2021
MCF8316A TI-MCF8316A_V01 Datasheet
6Mb / 178P
MCF8316A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
DECEMBER 2021
MCT8316Z-Q1 TI-MCT8316Z-Q1_V01 Datasheet
4Mb / 100P
MCT8316Z-Q1 Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2021
MCF8315A TI-MCF8315A Datasheet
5Mb / 207P
MCF8315A Sensorless Field Oriented Control (FOC) Integrated FET BLDC Driver
DECEMBER 2022
MCT8315A TI-MCT8315A Datasheet
4Mb / 166P
MCT8315A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
DECEMBER 2022
MCT8317A TI1-MCT8317A Datasheet
3Mb / 161P
MCT8317A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
JANUARY 2023
MCT8329A TI1-MCT8329A Datasheet
3Mb / 163P
MCT8329A High Speed Sensorless Trapezoidal Control Three-phase BLDC Gate Driver
JANUARY 2023
MCT8315Z TI1-MCT8315Z Datasheet
2Mb / 95P
MCT8315Z Sensored Trapezoidal Integrated FET BLDC Motor Driver
DECEMBER 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com