Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 39 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 39 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 35Page - Texas Instruments MCT8316AV Datasheet HTML 36Page - Texas Instruments MCT8316AV Datasheet HTML 37Page - Texas Instruments MCT8316AV Datasheet HTML 38Page - Texas Instruments MCT8316AV Datasheet HTML 39Page - Texas Instruments MCT8316AV Datasheet HTML 40Page - Texas Instruments MCT8316AV Datasheet HTML 41Page - Texas Instruments MCT8316AV Datasheet HTML 42Page - Texas Instruments MCT8316AV Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 179 page
background image
8.3.6 Slew Rate Control
An adjustable gate-drive current control for the MOSFETs in the output stage is provided to achieve configurable
slew rate for EMI mitigation. The MOSFET VDS slew rate is a critical factor for optimizing radiated emissions,
total energy and duration of diode recovery spikes and switching voltage transients related to parasitic elements
of the PCB. This slew rate is predominantly determined by the control of the internal MOSFET gate current as
shown in Figure 8-10.
VM
OUTx
VCP (Internal)
Slew Rate
Control
Slew Rate
Control
VCP (Internal)
GND
Figure 8-10. Slew Rate Circuit Implementation
The slew rate of each half-bridge can be adjusted through SLEW_RATE settings. Slew rate can be configured as
25-V/µs, 50-V/µs, 125-V/µs or 200-V/µs. The slew rate is calculated by the rise-time and fall-time of the voltage
on OUTx pin as shown in Figure 8-11.
20%
80%
20%
80%
t
fall
VM
t
rise
0
VM
V
OUTx
Time
Figure 8-11. Slew Rate Timings
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com