Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 46 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 46 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 42Page - Texas Instruments MCT8316AV Datasheet HTML 43Page - Texas Instruments MCT8316AV Datasheet HTML 44Page - Texas Instruments MCT8316AV Datasheet HTML 45Page - Texas Instruments MCT8316AV Datasheet HTML 46Page - Texas Instruments MCT8316AV Datasheet HTML 47Page - Texas Instruments MCT8316AV Datasheet HTML 48Page - Texas Instruments MCT8316AV Datasheet HTML 49Page - Texas Instruments MCT8316AV Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 179 page
background image
8.3.10 Motor Start Sequence (MSS)
Figure 8-19 shows the motor-start sequence implemented in the MCT8316A device.
Power On
ISD_EN
RVS_DR_EN
Motor Start-up
Direc on of
Spin
Closed Loop
HIZ_EN
Forward
Reverse
N
Y
N
Y
BRK_TIME
N
N
Y
Hi-Z
Time >
HIZ_TIME
Speed > Open to
Closed Loop Hando
Is motor
sta onary
BRAKE_EN
Brake
Time >
BRK_TIME
Y
N
Y
BRK_CONFIG
Brake
Current <
BRK_CURR_THR
N
Brake_Rou ne
N
Y
Brake_Rou ne
Brake_Rou ne_End
N
Y
N
Y
DIR Change
RESYNC_EN
Y
Y
N
Open loop
BRK_CURR
Y
STAT_BRK_EN
N
Y
Brake
Time >
STARTUP_
BRK_TIME
Y
N
Reverse Closed
Loop Decelera on
Reverse
Open Loop
Decelera on
Direc on Reversal :
Zero Speed Crossover
Y
BEMF >
RESYNC_MIN_THRES
HOLD
N
Y
Figure 8-19. Motor Starting-Up Flow
Power-On State
This is the initial state of the Motor Start Sequence (MSS). The MSS starts
in this state on initial power-up or whenever the MCT8316A device comes
out of standby or sleep mode.
DIR Change Judgement
In MCT8316A, if direction change command is detected at start of MSS, the
motor direction detected in ISD is assumed to be opposite to commanded
direction and reverse drive is performed if RVS_DR_EN is set to 1b.
ISD_EN Judgement
After power-on, the MCT8316A MSS enters the ISD_EN judgement where
it checks to see if the initial speed detect (ISD) function is enabled
(ISD_EN = 1b). If ISD is disabled, the MSS proceeds directly to the
BRAKE_EN judgement. If ISD is enabled, MSS advances to the ISD (Is
Motor Stationary) state.
ISD State
The MSS determines the initial condition (speed, direction of spin) of
the motor (see Initial Speed Detect (ISD)). If motor is deemed to be
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
46
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com