Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 73 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 73 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 69Page - Texas Instruments MCT8316AV Datasheet HTML 70Page - Texas Instruments MCT8316AV Datasheet HTML 71Page - Texas Instruments MCT8316AV Datasheet HTML 72Page - Texas Instruments MCT8316AV Datasheet HTML 73Page - Texas Instruments MCT8316AV Datasheet HTML 74Page - Texas Instruments MCT8316AV Datasheet HTML 75Page - Texas Instruments MCT8316AV Datasheet HTML 76Page - Texas Instruments MCT8316AV Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 179 page
background image
Table 8-18. Fault Action and Response (continued)
FAULT
CONDITION
CONFIGURATION
REPORT
H-BRIDGE
LOGIC
RECOVERY
Cycle by Cycle
Current Limit
(CBC_ILIMIT)
VSOX > CBC_ILIMIT
CBC_ILIMIT_MODE =
0000b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Recirculation
Active
Automatic:
Next PWM cycle
CBC_ILIMIT_MODE =
0001b
None
Recirculation
Active
Automatic:
Next PWM cycle
CBC_ILIMIT_MODE =
0010b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Recirculation
Active
Automatic:
VSOX < ILIMIT
CBC_ILIMIT_MODE =
0011b
None
Recirculation
Active
Automatic:
VSOX < ILIMIT
CBC_ILIMIT_MODE =
0100b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Recirculation
Active
Automatic:
PWM cycle > CBC_RETRY_PWM_CYC
CBC_ILIMIT_MODE =
0101b
None
Recirculation
Active
Automatic:
PWM cycle > CBC_RETRY_PWM_CYC
CBC_ILIMIT_MODE=
0110b
CONTROLLER_FA
ULT_STATUS
register
Active
Active
No action
CBC_ILIMIT_MODE =
0111b, 1xxxb
None
Active
Active
No action
Lock-Detection
Current Limit
(LOCK_ILIMIT)
VSOX > LOCK_ILIMIT
LOCK_ILIMIT_MODE =
0000b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Hi-Z
Active
Latched:
CLR_FLT
LOCK_ILIMIT_MODE =
0001b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Recirculation
Active
Latched:
CLR_FLT
LOCK_ILIMIT_MODE =
0010b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
High-side brake
Active
Latched:
CLR_FLT
LOCK_ILIMIT_MODE =
0011b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Low-side brake
Active
Latched:
CLR_FLT
LOCK_ILIMIT_MODE =
0100b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Hi-Z
Active
Retry:
tLCK_RETRY
LOCK_ILIMIT_MODE =
0101b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Recirculation
Active
Retry:
tLCK_RETRY
LOCK_ILIMIT_MODE =
0110b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
High-side brake
Active
Retry:
tLCK_RETRY
LOCK_ILIMIT_MODE =
0111b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Low-side brake
Active
Retry:
tLCK_RETRY
LOCK_ILIMIT_MODE=
1000b
CONTROLLER_FA
ULT_STATUS
register
Active
Active
No action
LOCK_ILIMIT_MODE =
1xx1b
None
Active
Active
No action
IPD Timeout Fault
(IPD_T1_FAULT
and
IPD_T2_FAULT)
IPD TIME > 500ms
(approx), during IPD
current ramp up or ramp
down
—
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Hi-Z
Active
Latched:
CLR_FLT
IP Frequency Fault
(IPD_FREQ_FAULT
)
IPD pulse before the
current decay in previous
IPD
—
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Hi-Z
Active
Latched:
CLR_FLT
Thermal warning
(OTW)
TJ > TOTW
OTW_REP = 0b
None
Active
Active
No action
OTW_REP = 1b
nFAULT and
CONTROLLER_FA
ULT_STATUS
register
Active
Active
Automatic:
TJ < TOTW – TOTW_HYS
CLR_FLT
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com