Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 8 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 8 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 4Page - Texas Instruments MCT8316AV Datasheet HTML 5Page - Texas Instruments MCT8316AV Datasheet HTML 6Page - Texas Instruments MCT8316AV Datasheet HTML 7Page - Texas Instruments MCT8316AV Datasheet HTML 8Page - Texas Instruments MCT8316AV Datasheet HTML 9Page - Texas Instruments MCT8316AV Datasheet HTML 10Page - Texas Instruments MCT8316AV Datasheet HTML 11Page - Texas Instruments MCT8316AV Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 179 page
background image
Table 6-1. Pin Functions (continued)
PIN
40-pin Package
TYPE(1)
DESCRIPTION
NAME
MCT8316A
V
MCT8316A
T
DIR
34
34
I
Direction of motor spinning;
When low, phase driving sequence is OUT A → OUT B → OUT C
When high, phase driving sequence is OUT A → OUT C → OUT B
Connect to PGND via 10-kΩ resistor, if not used
DRVOFF
21
21
I
Coast (Hi-Z) all six MOSFETs.
DVDD
1
1
PWR
1.5-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic
capacitor between the DVDD and DGND pins.
EXT_CLK
33
-
I
External clock reference input in external clock reference mode.
EXT_WD
32
-
I
External watchdog input.
FB_BK
3
3
PWR I/O
Feedback for buck regulator. Connect to buck regulator output after the inductor/
resistor.
FG
29
29
O
Motor speed indicator output. Open-drain output requires an external pull-up resistor
to 1.8 to 5-V.
GND_BK
4
4
GND
Buck regulator ground. Refer Layout Guidelines for connections recommendation.
ILIMIT
-
39
I
Connect resistor to GND for parameter configuration.
LDANGLE
-
32
I
Connect resistor to GND for parameter configuration.
NC
22, 23, 24,
25, 39
22, 23, 24,
25
-
No connection, open
nFAULT
40
40
O
Fault indicator. Pulled logic-low with fault condition; Open-drain output requires an
external pull-up resistor to 1.8V to 5.0V.
OUTA
13, 14
13, 14
PWR O
Half bridge output A
OUTB
16, 17
16, 17
PWR O
Half bridge output B
OUTC
19, 20
19, 20
PWR O
Half bridge output C
PGND
12, 15, 18
12, 15, 18
GND
Device power ground. Refer Layout Guidelines for connections recommendation.
RMP_1
-
30
I
Connect resistor to GND for parameter configuration.
RMP_2
-
31
I
Connect resistor to GND for parameter configuration.
SCL
31
-
I
I2C clock input
SDA
30
-
I/O
I2C data line
SLEW_RAT
E
-
36
I
Connect resistor to GND for parameter configuration.
SPEED/
WAKE
28
28
I
Device speed input; supports analog, frequency or PWM speed input. The speed pin
input can be configured through SPD_CTRL_MODE.
SW_BK
5
5
PWR
Buck switch node. Connect this pin to an inductor or resistor.
VM
9, 10, 11
9, 10, 11
PWR I
Device and motor power supply. Connect to motor supply voltage; bypass to GND
with a 0.1-µF capacitor plus one bulk capacitor. TI recommends a capacitor voltage
rating at least twice the normal operating voltage of the device.
Thermal
pad
GND
Must be connected to ground
(1)
I = input, O = output, GND = groung pin, PWR = power, NC = no connect
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com