Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 23 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 23 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 19Page - Texas Instruments MCT8316AV Datasheet HTML 20Page - Texas Instruments MCT8316AV Datasheet HTML 21Page - Texas Instruments MCT8316AV Datasheet HTML 22Page - Texas Instruments MCT8316AV Datasheet HTML 23Page - Texas Instruments MCT8316AV Datasheet HTML 24Page - Texas Instruments MCT8316AV Datasheet HTML 25Page - Texas Instruments MCT8316AV Datasheet HTML 26Page - Texas Instruments MCT8316AV Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 179 page
background image
8.3.2.2 I2C Interface
The MCT8316AV supports an I2C serial communication interface that allows an external controller to send and
receive data. This I2C interface lets the external controller configure the EEPROM and read detailed fault and
motor state information. The I2C bus is a two-wire interface using the SCL and SDA pins which are described as
follows:
• The SCL pin is the clock signal input.
• The SDA pin is the data input and output.
8.3.2.3 Hardware Interface - Pin Configuration
MCT8316AT allows configuration of motor control algorithm and driver parameters through the pull-down
resistors connected to the device configuration pins, RMP_1, RMP_2, LDANGLE, CONFIG_1, ILIMIT,
SLEW_RATE, CONFIG_2 and CONFIG_3. This allows quick and easy configuration of the MCT8316 motor
control and gate driver parameters without the need for EEPROM programming through I2C interface. The
parameters that can be configured by each device configuration pin are detailed inTable 8-1 .
Table 8-1. Pin configurable parameters
Pin
Configurable Parameters
RMP_1, RMP_2
Start-up method, open loop acceleration rate, closed loop
acceleration rate, first cycle frequency, align time, dynamic degauss
enable, fast start-up enable, stationary brake time, auto handoff
enable, handoff threshold, open loop duty, align ramp rate
LDANGLE
Lead angle or BEMF threshold
CONFIG_1
PWM switching frequency, ZC detection blanking time, IPD clock
frequency
ILIMIT, SLEW_RATE
CBC limit, open loop, align and IPD current limit, buck output voltage
selection, phase output voltage slew rate
CONFIG_2
OCP level, OCP mode, AAR enable, delay compensation enable
CONFIG_3
Abnormal speed, minimum duty
RMP_1 and RMP_2 pins are used to set the start-up method (Double Align or IPD), open loop acceleration
rate A1 (OL_ACC_A1 in Hz/s), closed loop acceleration rate (CL_ACC in V/s), startup brake time
(STARTUP_BRK_TIME in ms), first cycle frequency (SLOW_FIRST_CYCLE_FREQ in Hz) and align time
(ALIGN_TIME in ms, if Double Align is selected).
RMP_1 is used to set the start-up method and the inertia profile of the motor-load system. Inertia profiles
range from ultra-high inertia (like ceiling fans) to ultra-high acceleration (like fuel pumps) with some example
applications for each type of inertia profile given in Table 8-2. Once the inertia profile is chosen using
RMP_1 pin, RMP_2 pin is used to set parameters like CL_ACC, OL_ACC_A1, STARTUP_BRK_TIME,
SLOW_FIRST_CYC_FREQ, ALIGN_TIME (if applicable).
Based on the inertia profile and CL_ACC chosen, other parameters including IPD repeat times (IPD_REPEAT),
dynamic degauss enable (DYN_DEGAUSS_EN), auto handoff enable (AUTO_HANDOFF), handoff threshold
(OPN_CL_HANDOFF_THR), OL duty (OL_DUTY), align ramp rate (ALIGN_RAMP_RATE) and fast start-up
enable (INTEG_ZC_METHOD) are auto-selected as per Tables through 12-11. Note that Open loop acceleration
rate A2 (OL_ACC_A2 in Hz/s2) is set to the same value as that of OL_ACC_A1.
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com