Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 7 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 7 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 3Page - Texas Instruments MCT8316AV Datasheet HTML 4Page - Texas Instruments MCT8316AV Datasheet HTML 5Page - Texas Instruments MCT8316AV Datasheet HTML 6Page - Texas Instruments MCT8316AV Datasheet HTML 7Page - Texas Instruments MCT8316AV Datasheet HTML 8Page - Texas Instruments MCT8316AV Datasheet HTML 9Page - Texas Instruments MCT8316AV Datasheet HTML 10Page - Texas Instruments MCT8316AV Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 179 page
background image
6 Pin Configuration and Functions
30
29
28
27
26
25
24
21
23
22
31
32
MCT8316AV
(Thermal Pad)
9
8
7
6
5
4
3
2
10
1
11
12
DVDD
DGND
EXT_WD
AVDD
AGND
SCL
SPEED/WAKE
SDA
FG
VM
CP
CPH
CPL
FB_BK
SW_BK
VM
VM
PGND
DRVOFF
NC
GND_BK
NC
NC
NC
Figure 6-1. MCT8316AV 40-Pin VQFN With Exposed
Thermal Pad Top View
30
29
28
27
26
25
24
21
23
22
31
32
MCT8316AT
(Thermal Pad)
9
8
7
6
5
4
3
2
10
1
11
12
DVDD
DGND
LDANGLE
AVDD
AGND
RMP_2
SPEED/WAKE
RMP_1
FG
VM
CP
CPH
CPL
FB_BK
SW_BK
VM
VM
PGND
DRVOFF
NC
GND_BK
NC
NC
NC
Figure 6-2. MCT8316AT 40-Pin VQFN With Exposed
Thermal Pad Top View
Table 6-1. Pin Functions
PIN
40-pin Package
TYPE(1)
DESCRIPTION
NAME
MCT8316A
V
MCT8316A
T
AGND
26
26
GND
Device analog ground. Refer Layout Guidelines for connections recommendation.
AVDD
27
27
PWR O
3.3-V internal regulator output. Connect a X5R or X7R, 1-µF, 6.3-V ceramic
capacitor between the AVDD1 and AGND pins. This regulator can source up to
20 mA externally.
BRAKE
35
35
I
High → brake the motor
Low → normal operation
Connect to PGND via 10-kΩ resistor, if not used
CONFIG_1
-
33
I
Connect resistor to GND for parameter configuration.
CONFIG_2
-
37
I
Connect resistor to GND for parameter configuration.
CONFIG_3
-
38
I
Connect resistor to GND for parameter configuration.
CP
8
8
PWR
Charge pump output. Connect a X5R or X7R, 1-µF, 16-V ceramic capacitor between
the CP and VM pins.
CPH
7
7
PWR
Charge pump switching node. Connect a X5R or X7R, 47-nF, ceramic capacitor
between the CPH and CPL pins. TI recommends a capacitor voltage rating at least
twice the normal operating voltage of the device.
CPL
6
6
PWR
DACOUT2/
SOX
36
-
O
Multipurpose pin:
DAC output when configured as DACOUT2
CSA output configured as SOX
DACOUT1
37
-
O
DAC output DACOUT1
DACOUT2
38
-
O
DAC output DACOUT2
DGND
2
2
GND
Device digital ground. Refer Layout Guidelines for connections recommendation.
www.ti.com
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com