Electronic Components Datasheet Search
  English  ▼

X  

MCT8316AV Datasheet(PDF) 48 Page - Texas Instruments

Part # MCT8316AV
Description  MCT8316A High Speed Sensorless Trapezoidal Control Integrated FET BLDC Driver
PDF  179 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MCT8316AV Datasheet(HTML) 48 Page - Texas Instruments

Back Button MCT8316AV Datasheet HTML 44Page - Texas Instruments MCT8316AV Datasheet HTML 45Page - Texas Instruments MCT8316AV Datasheet HTML 46Page - Texas Instruments MCT8316AV Datasheet HTML 47Page - Texas Instruments MCT8316AV Datasheet HTML 48Page - Texas Instruments MCT8316AV Datasheet HTML 49Page - Texas Instruments MCT8316AV Datasheet HTML 50Page - Texas Instruments MCT8316AV Datasheet HTML 51Page - Texas Instruments MCT8316AV Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 179 page
background image
BRK_CURR_THR) based on BRK_CONFIG. Brake is applied either using
high-side or low-side MOSFETs based on BRK_MODE configuration.
Closed Loop State
In this state, the MCT8316A drives the motor with trapezoidal control.
8.3.10.1 Initial Speed Detect (ISD)
The ISD function is used to identify the initial condition of the motor and is enabled by setting ISD_EN to 1b. The
initial speed, position and direction is determined by sampling the phase voltage through the internal ADC. ISD
can be disabled by setting ISD_EN to 0b. If the function is disabled (ISD_EN set to 0b), the MCT8316A does not
perform the initial speed detect function and proceeds to check if the brake routine (BRAKE_EN) is enabled.
8.3.10.2 Motor Resynchronization
The motor resynchronization function works when the ISD and resynchronization functions are both enabled and
the device determines that the initial state of the motor is spinning in the forward direction (same direction as
the commanded direction). The speed and position information measured during ISD are used to initialize the
drive state of the MCT8316A, which can transition directly into closed loop state without needing to stop the
motor. In the MCT8316A, motor resynchronization can be enabled/disabled through RESYNC_EN bit. If motor
resynchronization is disabled, the device proceeds to check if the motor coast (Hi-Z) routine is enabled.
8.3.10.3 Reverse Drive
The MCT8316A uses the reverse drive function to change the direction of the motor rotation when ISD_EN
and RVS_DR_EN are both set to 1b and the ISD determines the motor spin direction to be opposite to
that of the commanded direction. Reverse drive includes synchronizing with the motor speed in the reverse
direction, reverse decelerating the motor through zero speed, changing direction, and accelerating in open
loop in forward (or commanded) direction until the device transitions into closed loop in forward direction
(see Figure 8-20). MCT8316A uses the same parameter values for open to closed loop handoff threshold
(OPN_CL_HANDOFF_THR), open loop acceleration rates (OL_ACC_A1, OL_ACC_A2) and open loop current
limit (OL_ILIMIT) in the reverse direction as in the forward direction..
Reverse Deceleration
Open Loop
Handoff to close loop
Open loop
Close loop
Speed
Time
Handoff to open loop
Figure 8-20. Reverse Drive Function
8.3.10.4 Motor Start-up
There are different options available for motor start-up from a stationary position and these options can be
configured by MTR_STARTUP. In align and double align mode, the motor is aligned to a known position by
MCT8316A
SLLSFH8A – AUGUST 2021 – REVISED DECEMBER 2021
www.ti.com
48
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: MCT8316A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com