Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 30 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 30 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 26Page - Analog Devices LTC3613 Datasheet HTML 27Page - Analog Devices LTC3613 Datasheet HTML 28Page - Analog Devices LTC3613 Datasheet HTML 29Page - Analog Devices LTC3613 Datasheet HTML 30Page - Analog Devices LTC3613 Datasheet HTML 31Page - Analog Devices LTC3613 Datasheet HTML 32Page - Analog Devices LTC3613 Datasheet HTML 33Page - Analog Devices LTC3613 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
LTC7131-1
30
Rev. 0
For more information www.analog.com
7131-1 F17a
LTC7131-1
VMASTER
REF
DAOUT
FB
TRACK/SS
R1
R2
7131-1 F17b
LTC7131-1
R2
R1
VMASTER
REF
DAOUT
FB
TRACK/SS
7131-1 F17c
LTC7131-1
R2
R1
VMASTER
REF
DAOUT
FB
TRACK/SS
(a) Slave IC Circuit for Ratiometric Tracking
and VMASTER ≤ VSLAVE
(b) Slave IC Circuit for Ratiometric Tracking
and VMASTER ≥ VSLAVE
(c) Slave IC Circuit for Coincident Tracking
and VMASTER ≥ VSLAVE
Figure 17. Slave IC Circuits
APPLICATIONS INFORMATION
DDR Mode
The LTC7131-1 can both sink and source current if
the MODE/SYNC pin is set to forced continuous mode.
Current sinking is limited to –20A+ΔIL/2. An exter-
nal reference voltage connected to the REF pin can be
used to set the output voltage. The output voltage can
be margined by ±25% in the same way as a resistor
programmed reference.
INTVCC (LDO)
The LTC7131-1 features a true PMOS LDO that supplies
power to INTVCC from the SVIN supply. INTVCC powers
the gate drivers and much of the LTC7131-1’s internal
circuitry. The LDO regulates the voltage at the INTVCC
pin to 5V when SVIN is greater than 5.5V. INTVCC can
supply a peak current of 100mA and must be bypassed
to ground with a minimum of 4.7µF ceramic capacitor or
low ESR electrolytic capacitor. No matter what type of bulk
capacitor is used, an additional 0.1µF ceramic capacitor
placed directly adjacent to the INTVCC and PGND pins is
highly recommended. Good bypassing is needed to sup-
ply the high transient currents required by the MOSFET
gate drivers. High input voltage applications in which the
internal MOSFETs are being driven at high frequencies
may cause the maximum junction temperature rating for
the LTC7131-1 to be exceeded. The INTVCC current, which
is dominated by the gate charge current, also known as
the driver current, is supplied by the 5V LDO. The gate
charge current is dependent on operating frequency as
discussed on Efficiency Considerations section. The
power dissipation for the IC in this case is equal to SVIN
• (INTVCC current). For example, the LTC7131-1 INTVCC
current is about 27.5mA from a 20V supply at 500kHz in
the BGA package given by Equation 19.
PD = 20V • 27.5mA = 0.55W
(19)
For applications where the main input power is 5V, tie the
SVIN, VIN and INTVCC pins together and tie the combined
pins to the 5V input with a 1Ω or 2.2Ω resistor as shown
in Figure 18 to minimize the voltage drop caused by the
gate charge current. This will override the INTVCC linear
regulator and will prevent INTVCC from dropping too low
due to the dropout voltage. Make sure the INTVCC voltage
is at or exceeds 4.5V to prevent excessive dissipation in
the internal Power MOSFETs due to high RDS(ON).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com