Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 36Page - Analog Devices LTC3613 Datasheet HTML 37Page - Analog Devices LTC3613 Datasheet HTML 38Page - Analog Devices LTC3613 Datasheet HTML 39Page - Analog Devices LTC3613 Datasheet HTML 40Page - Analog Devices LTC3613 Datasheet HTML 41Page - Analog Devices LTC3613 Datasheet HTML 42Page - Analog Devices LTC3613 Datasheet HTML 43Page - Analog Devices LTC3613 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
LTC7131-1
40
Rev. 0
For more information www.analog.com
READ_IOUT
The READ_IOUT command returns the average output
current in amperes. The LTC7131-1 senses and measures
the currents through its bottom power switches to derive
IOUT current. For accurate values at light load currents the
part must be in continuous conduction mode.
This register is reset to 0x8000 is standby mode when
the drivers are off.
This read-only command has two data bytes and is for-
matted as a 16-bit 2’s complement value scaled 10mA/bit.
READ_TEMPERATURE_1
The READ_TEMPERATURE_1 command returns the inter-
nal die temperature, in degrees Celsius, of the LTC7131-1.
This read-only command has two data bytes and is for-
matted as a 16-bit 2’s complement value scaled 1°C/bit.
MFR_VOUT_PEAK
The MFR_VOUT_PEAK command reports the highest volt-
age, in volts, reported by the READ_VOUT measurement.
To clear the peak value and restart the peak monitor, use
the MFR_CLEAR_PEAKS command or write to the MFR_
VOUT_PEAK. When writing to MFR_VOUT_PEAK, zero,
one or two data bytes are accepted but the data is ignored.
This command has two data bytes and is formatted as a
16-bit 2’s complement value scaled 0.5mV/bit.
MFR_VIN_PEAK
The MFR_VIN_PEAK command reports the highest volt-
age, in volts, reported by the READ_VIN measurement.
To clear the peak value and restart the peak monitor, use
the MFR_CLEAR_PEAKS command or write to the MFR_
VIN_PEAK. When writing to MFR_VIN_PEAK zero, one
or two data bytes are accepted but the data is ignored.
This command has two data bytes and is formatted as a
16-bit 2’s complement value scaled 4mV/bit.
PMBus COMMAND DETAILS
MFR_TEMPERATURE_1_PEAK
The MFR_TEMPERATURE_1_PEAK command reports the
highest temperature, in degrees Celsius, reported by the
READ_TEMPERATURE_1 measurement.
To clear the peak value and restart the peak monitor,
use the MFR_CLEAR_PEAKS command or write to the
MFR_TEMPERATURE_1_PEAK. When writing to MFR_
TEMPERATURE_1__PEAK zero, one or two data bytes
are accepted but the data is ignored.
This command has two data bytes and is formatted as a
16-bit 2’s complement value scaled 1°C/bit.
MFR_IOUT_PEAK
The MFR_IOUT_PEAK command reports the high-
est current, in amperes, reported by the READ_IOUT
measurement.
To clear the peak value and restart the peak monitor, use
the MFR_CLEAR_PEAKS command or write to the MFR_
IOUT_PEAK. When writing to MFR_IOUT_PEAK, zero, one
or two data bytes are accepted but the data is ignored.
This command has two data bytes and is formatted as a
16-bit 2’s complement value scaled 10mA/bit.
MFR_IIN_PEAK
The MFR_IIN_PEAK command reports the highest cur-
rent, in amperes, reported by the READ_IIN measurement.
To clear the peak value and restart the peak monitor, use
the MFR_CLEAR_PEAKS command or write to the MFR_
IIN_PEAK. When writing to MFR_IIN_PEAK, zero, one or
two data bytes are accepted but the data is ignored.
This command has two data bytes and is formatted as a
16-bit 2’s complement value scaled 10mA/bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com