Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 44 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 36Page - Analog Devices LTC3613 Datasheet HTML 37Page - Analog Devices LTC3613 Datasheet HTML 38Page - Analog Devices LTC3613 Datasheet HTML 39Page - Analog Devices LTC3613 Datasheet HTML 40Page - Analog Devices LTC3613 Datasheet HTML 41Page - Analog Devices LTC3613 Datasheet HTML 42Page - Analog Devices LTC3613 Datasheet HTML 43Page - Analog Devices LTC3613 Datasheet HTML 44Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 44 page
background image
LTC7131-1
44
Rev. 0
For more information www.analog.com
ANALOG DEVICES, INC. 2022
01/22
www.analog.com
RELATED PARTS
TYPICAL APPLICATION
1.2V/50A 2-Phase Buck Regulator
PGOOD
VOUT
1.2V, 50A
LTC7131-1
SGND
1nF
24.9k
PGND
WP
MARGIN
MODE/SYNC
PGFD
ASEL
CSLEW
RT
PGLIM
PGOOD
SCL, SDA, ALERT
DAOUT
FB
ITH
REF
TRACK/SS
BOOST
SW
VSENSE+
VSENSE–
SVIN
VIN
7131-1 TA04
L1
0.18µH
4700pF
0.1µF
CIN
100µF
×2
VIN
5V TO
20V
SGND PGND
WP
MARGIN
PGOOD
PGFD
ASEL
CSLEW
RT
CLKOUT
RUN_MSTR
RUN_MSTR
RUN_STBY
MODE/SYNC
RUN_STBY
CLKOUT
PGLIM
VSENSE–
SCL, SDA, ALERT
DAOUT
FB
ITH
REF
TRACK/SS
BOOST
SW
VSENSE+
SVIN
VIN ILIM
INTVCC
INTVCC
L2
0.18µH
100k
1nF
24.9k
PMBUS
ADDRESS = 0x20
PMBUS
ADDRESS = 0x27
6.04k
1k
6k
0.5%
22nF
LTC7131-1
MASTER
SLAVE
CIN: TAIYO YUDEN LMK316BJ226ML-T
COUT1: PANASONIC EEF-SX0G331XE
COUT2: MURATA GRM32ER60J107ME20L
L1, L2: COILCRAFT XAL6030-331MEB
0.1µF
4.7µF
4.7µF
ILIM
COUT1
330µF
×4
COUT2
100µF
×4
47pF
PART NUMBER
DESCRIPTION
COMMENTS
LTC7130
20V, 20A Monolithic Buck
4.5V ≤ VIN ≤ 20V, 0.8V ≤ VOUT ≤ 5.5V, 6.25mm × 7.5mm × 2.2mm BGA
LTC3605/
LTC3605A
20V, 5A Synchronous Step-Down Regulator
4V < VIN < 20V, 0.6V < VOUT < 20V, 96% Max Efficiency, 4mm × 4mm
QFN-24 Package
LTC3633A
LTC3633A-1
Dual Channel 3A, 20V Monolithic Synchronous
Step-Down Regulator
3.6V < VIN < 20V, 0.6V < VOUT < VIN, 95% Max Efficiency, 4mm × 5mm
QFN-28 and TSSOP-28 Package
LTC3622
17V, Dual 1A Synchronous Step-Down Regulator with
Ultralow Quiescent Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Max Efficiency, 3mm × 4mm
DFN-14 and MSOP-16 Package
LTC3613
24V, 15A Monolithic Step-Down Regulator with
Differential Output Sensing
4.5V < VIN < 24V, 0.6V < VOUT < 5.5V, 0.67% Output Voltage Accuracy,
Valley Current Mode, Programmable from 200kHz to 1MHz, Current
Sensing, 7mm × 9mm QFN-56 Package
LTC3624
17V, 2A Synchronous Step-Down Regulator with
3.5μA Quiescent Current
2.7V < VIN < 17V, 0.6V < VOUT < VIN, 95% Max Efficiency, 3.5μA IQ,
Zero-Current Shutdown, 3mm × 3mm DFN-8 Package
LTM®4639
Low VIN 20A DC/DC μModule® Step-Down Regulator
Complete 20A Switch Mode Power Supply, 2.375V < VIN < 7V, 0.6V < VOUT
< 5.5V, 1.5% Max Total DC Output Voltage Error, Differential Remote
Sense Amp, 15mm × 15mm BGA Package
LTM4637
20A DC/DC μModule Step-Down Regulator
Complete 20A Switch Mode Power Supply, 4.5V < VIN < 20V, 0.6V < VOUT
< 5.5V, 1.5% Max Total DC Output Voltage Error, Differential Remote
Sense Amp, 15mm × 15mm BGA or LGA Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com