Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 32 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 32 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 28Page - Analog Devices LTC3613 Datasheet HTML 29Page - Analog Devices LTC3613 Datasheet HTML 30Page - Analog Devices LTC3613 Datasheet HTML 31Page - Analog Devices LTC3613 Datasheet HTML 32Page - Analog Devices LTC3613 Datasheet HTML 33Page - Analog Devices LTC3613 Datasheet HTML 34Page - Analog Devices LTC3613 Datasheet HTML 35Page - Analog Devices LTC3613 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
LTC7131-1
32
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
IGATECHG = f(QT + QB), where QT and QB are the gate
charges of the internal top and bottom power MOSFETs
and f is the switching frequency. Since INTVCC is a low
dropout regulator output powered by SVIN, its power
loss equals to Equation 24.
PLDO = SVIN • IINTVCC
(24)
3. Other “hidden” losses such as transition loss and cop-
per trace and internal load resistances can account for
additional efficiency degradations in the overall power
system. It is very important to include these “system”
level losses in the design of a system. Transition loss
arises from the brief amount of time the top power
MOSFET spends in the saturated region during switch
node transitions. Other losses including diode conduc-
tion losses during dead-time and inductor core losses
which generally account for less than 2% total addi-
tional loss.
PC Board Layout Checklist
When laying out the printed circuit board, the following
checklist should be used to ensure proper operation of
the IC. These items are also illustrated graphically in the
layout diagram of Figure 20. Check the following in the
PC layout:
1. The INTVCC decoupling capacitor should be placed
immediately adjacent to the IC between the INTVCC pin
and PGND plane. A 1µF ceramic capacitor of the X7R
or X5R type is small enough to fit very close to the IC
to minimize the ill effects of the large current pulses
drawn to drive the bottom MOSFETs. An additional
4.7µF to 10µF of ceramic, tantalum or other very low
ESR capacitance is recommended in order to keep the
internal IC supply quiet.
2. Connect the remote sense pins, VSENSE+ and VSENSE–,
directly to the point where maximum VOUT accuracy
is desired. The two traces should be routed as close
together as possible.
3. Do the (+) plates of CIN connect to the drain of the
topside MOSFET as closely as possible? This capac-
itor provides the pulsed current to the MOSFET.
4. Keep the switching nodes, SW, BOOST away from
sensitive small-signal nodes (REF, DAOUT, VSENSE+,
VSENSE–, FB). Ideally the SW, and BOOST printed cir-
cuit traces should be routed away and separated from
the IC and especially the quiet side of the IC. Separate
the high dv/dt traces from sensitive small-signal nodes
with ground traces or ground planes.
5. Use a low impedance source such as a logic gate to
drive the MODE/SYNC pin and keep the lead as short
as possible.
6. Figure 20 illustrates all branch currents in a switch-
ing regulator. It becomes very clear after studying the
current waveforms why it is critical to keep the high
switching current paths to a small physical size. High
electric and magnetic fields will radiate from these
Figure 20. Branch Current Waveforms
+
RIN
VIN
VOUT
CIN
+
COUT
D1
SW2
SW1
L1
DCR
RL
7131-1 F20
BOLD LINES INDICATE HIGH, SWITCHING CURRENTS. KEEP LINES TO A MINIMUM LENGTH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com