Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 7Page - Analog Devices LTC3613 Datasheet HTML 8Page - Analog Devices LTC3613 Datasheet HTML 9Page - Analog Devices LTC3613 Datasheet HTML 10Page - Analog Devices LTC3613 Datasheet HTML 11Page - Analog Devices LTC3613 Datasheet HTML 12Page - Analog Devices LTC3613 Datasheet HTML 13Page - Analog Devices LTC3613 Datasheet HTML 14Page - Analog Devices LTC3613 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 44 page
background image
LTC7131-1
11
Rev. 0
For more information www.analog.com
PIN FUNCTIONS
PGLIM (Pin C2): PGOOD Threshold Programming Pin.
The voltage difference ΔV between this pin and SGND sets
the VOUT overvoltage threshold to VREF + 0.4 • ΔV and the
undervoltage threshold to VREF – 0.4 • ΔV. Tying this pin
to INTVCC sets the threshold to its default value of ±10%.
SGND (Pins C3, C4): Signal Ground. Reference setting
resistor, slew rate control capacitor, and frequency setting
resistor connections should return to SGND. For optimum
load regulation, the SGND pin should be kelvin-connected
to the PCB location between the negative terminals of the
output capacitors and should not be connected through
the PGND plane.
PGOOD (Pin C5): Power Good. This open-drain output is
pulled down to SGND on start-up and while the output volt-
age is outside the power good window set by the PGLIM
pin. If the output voltage increases and stays inside the
power good window for more than the delay programmed
at the PGFD pin, the PGOOD pin is released. If the output
voltage leaves the power good window for more than 16
switching cycles the PGOOD pin is pulled down.
PGFD (Pin C6): PGOOD Deglitch Filter Delay Select. The
voltage at this pin sets the delay that the output must be
in regulation before the PGOOD flag is asserted. The delay
can be programmed to one of eight discrete values where
tDELAY = 200μs • 2N (N = 0 to 7).
ASEL (Pin D1): Serial Bus Address Configuration Input.
Connect a ±1% resistor from this pin to ground in order
to select the 4 LSBs of the serial bus interface address.
(See Table 5).
MARGIN (Pin D2): Fast Margining Select. In the default
mode when this pin is floating, the reference voltage
margin offset is changed with MFR_VOUT_COMMAND
through the serial interface. If this pin is pulled high, the
reference voltage margin offset is immediately ramped to
the value pre-stored in the MFR_VOUT_MARGIN_HIGH
register. If this pin is pulled low, the reference voltage mar-
gin offset is immediately ramped to the value pre-stored
in MFR_VOUT_MARGIN_LOW register.
WP (Pin D3): Write Protect Pin. An internal 10µA current
source pulls the pin to 3.3V. If WP is high, the PMBus
writes are restricted.
SCL (Pin D4): Serial Bus Clock Input. A pull-up resistor
is required in the application.
SDA (Pin D5): Serial Bus Data Input and Output. A pull-up
resistor is required in the application.
CLKOUT (Pin D6): Clock Out Signal for 2-Phase Operation.
The phase of this clock is 180° with respect to the internal
clock. Signal swing is from INTVCC to GND.
BOOST (Pin D7): Boosted Floating Driver Supplies. The
(+) terminal of the booststrap capacitors connect to these
pins. These pins swing from a diode voltage drop below
INTVCC up to VIN + INTVCC.
GND (Pins E1, E2, E3, E4, F1, F2, F3, F4, G1, G2, G3,
G4): Power Ground. Must be soldered to PCB for electrical
connection and rated thermal performance.
ALERT (Pin E5): Open Drain Digital Output. Connect the
system SMBALERT interrupt signal to this pin. A pull-up
resistor is required in the application.
SW (Pins E6, E7, F5, F6, F7, G5, G6, G7, H5, H6,
H7, J5, J6, J7): Switching Node. This pin connects to
the drains of the internal main and synchronous power
MOSFET switches.
VIN (Pins H1, H2, H3, H4, J1, J2, J3, J4): Power Input
Supply. VIN connects to the drain of the internal N-channel
power MOSFET. This pin is independent of SVIN and may
be connected to the same voltage or to a lower voltage
supply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com