Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 34 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 34 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 30Page - Analog Devices LTC3613 Datasheet HTML 31Page - Analog Devices LTC3613 Datasheet HTML 32Page - Analog Devices LTC3613 Datasheet HTML 33Page - Analog Devices LTC3613 Datasheet HTML 34Page - Analog Devices LTC3613 Datasheet HTML 35Page - Analog Devices LTC3613 Datasheet HTML 36Page - Analog Devices LTC3613 Datasheet HTML 37Page - Analog Devices LTC3613 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
LTC7131-1
34
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Assuming worst-case conditions of VIN = 12V, CIN should
be selected for a maximum current rating of Equation 31.
IRMS = 25A •
1.5V
12V
•
20V
1.5V
– 1
⎛
⎝
⎜
⎞
⎠
⎟ = 8.25ARMS
(31)
Finally, define the soft start-up time choosing the proper
value for the capacitor and the resistor connected to
TRACK/SS. If we set minimum tSS = 5ms, Equation 32
can be solved.
CSS =
5µA • 5ms
1.5V
= 16.7nF
(32)
The standard value of 18nF guarantees the minimum soft-
start up time of 5ms.
2-Phase Operation
Using two LTC7131-1’s as a 2-phase regulator to supply
50A loads was discussed in the Operation section. A few
more details need to be brought to the user’s attention to
ensure correct operation:
1. PMBus connection and READ_IIN/IOUT: Although the
2-phase regulator will operate fine with the PMBus
interface connected to the master only, the READ_
IOUT and READ_IIN measured values will only be
available for the phase(s) that are connected. Since
each phase’s LTC7131-1 supplies half the load in a
2-phase converter, the value read (if from the master
only) needs to be doubled to obtain the total IOUT or
IIN value. Because of slight differences in tracking
between phases due to IC and inductor tolerances, a
more accurate reading will be obtained by connect-
ing to both phases so that total IOUT and IIN can be
computed by summing each phase’s contribution.
2. Slave PGOOD/ALERT status and margining: When the
master and slave are monitoring the same output,
it is sufficient to monitor the master’s PGOOD and
ALERT pins only. The PGOOD/ALERT pins from both
master and slave can also be wire OR’ed if desired.
However, if the output voltage is margined with the
PMBus interface, the PGOOD/ALERT status of the
slave will only be valid if the slave knows what the new
margined reference is, i.e. the margin change needs
to be sent to both the master and the slave. This can
be done easily by using the MFR_RAIL_ADDRESS to
assign the same rail address to both the master and
slave so that the margin change can be done with
a single write. Be aware that PMBus reads from a
common address need to be done separately to avoid
bus contentions.
3. Using the Master’s CLKOUT: The CLKOUT pin provides
an 180° out-of-phase clock that can be connected to
the slaves MODE/SYNC pin as a simple way to run
the phases out-of-phase with each other. However, be
aware that the master’s CLKOUT pin only provides
this out-of-phase clock when the master is using its
internal oscillator programmed from the RT pin. If the
master is externally clocked, the slave’s anti-phase
clock will need to be obtained from another source.
High Duty Cycle Applications
The internal power MOSFETs of the LTC7131-1 have a
top-to-bottom RDS(ON) ratio of 3.5 to optimize power dis-
sipation for low duty-cycle applications. For some appli-
cations, such as using a 5V supply (Figure 19) or using
a separate low voltage supply connected to VIN pin (see
Using Separate SVIN/VIN Supplies section), the duty cycle
may be high enough that the top MOSFET power dissipa-
tion becomes significant at higher loads. It is important in
these types of applications to estimate power loss and die
temperature rise to make sure the maximum die tempera-
ture is not exceeded. Once a prototype is built, this can be
easily verified using the READ_TEMPERATURE command.
Another consideration for high duty cycles is the upper
limit of how high the duty cycle can go. The bottom
MOSFET has a minimum on-time of 150ns (worst case) to
sense inductor current and refresh the BOOST capacitor.
These means that the maximum achievable duty cycle is
given by Equation 33.
Max % Duty Cycle = (1 – fSW • 150 • 10-9) • 100% (33)
The maximum duty cycle will limit the maximum allowable
output voltage at the minimum supply voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com