Electronic Components Datasheet Search
  English  ▼

X  

LTC3613 Datasheet(PDF) 26 Page - Analog Devices

Part # LTC3613
Description  25A Monolithic Synchronous DC/DC Step-Down Converter with PMBus Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3613 Datasheet(HTML) 26 Page - Analog Devices

Back Button LTC3613 Datasheet HTML 22Page - Analog Devices LTC3613 Datasheet HTML 23Page - Analog Devices LTC3613 Datasheet HTML 24Page - Analog Devices LTC3613 Datasheet HTML 25Page - Analog Devices LTC3613 Datasheet HTML 26Page - Analog Devices LTC3613 Datasheet HTML 27Page - Analog Devices LTC3613 Datasheet HTML 28Page - Analog Devices LTC3613 Datasheet HTML 29Page - Analog Devices LTC3613 Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
LTC7131-1
26
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
50Ω resistor between the output capacitor and the
VSENSE+ pin (this is R7 on the DC2824 demo board).
Then use a network analyzer to inject an AC signal
across this resistor and plot the Gain and Phase. If a
network analyzer is not available, a close approxima-
tion can obtained with a PSPICE simulator using the
LTC7131-1 power supply model shown in Figure 13.
The error amplifier EA can be modeled as an ideal op
amp (for crossover frequencies < 200kHz) and the
inductor as a voltage controlled current source. The
gain/phase plot should look similar to Figure 14.
4. Add the calculated components to the LTC7131-1 cir-
cuit and check the load step response. If not adequate,
the components values may need to be tweaked fur-
ther or recalculated with a lower crossover frequency
until the desired response is obtained.
RC1 = A convenient resistor value ~1kΩ.
f = chosen crossover frequency
G = 10(GAIN/20) (this converts GAIN in dB to G in abso-
lute gain)
BOOST = –(PHASE + 30°)
Type 2 Loop:
k
= tan
BOOST
2
+ 45°
⎛
⎝⎜
⎞
⎠⎟
CC1 =
1
2
π • f • G •K •RC1
CC2 = CC1 K2 − 1
( )
RC2 =
K
2
π • f • CC2
(11)
Type 3 Loop:
k
= tan
BOOST
4
+ 45°
⎛
⎝⎜
⎞
⎠⎟
CC1 =
1
2
π • f • G •RC1
CC2 = CC1 K − 1
(
)
RC2 =
K
2
π • f • CC2
RC3 =
RC1
K
− 1
C3
=
1
2
πf K •RC3
(12)
FREQUENCY (Hz)
7131-1 F14
0
0
–90
–180
GAIN
PHASE
Figure 14. Transfer Function of Buck Modulator
3. Calculate the component values. Once the gain and
phase are known, note the gain (GAIN, in dB) and
phase (PHASE, in degrees) at the crossover fre-
quency. The compensation components can then be
calculated to make the loop gain (VSENSE+ to VOUT)
equal to 0dB and the phase margin equal to 60° at
this frequency. Use Equation 11 and Equation 12 to
calculate the component values. Normally Equation
11 (the Type 2 Loop) will provide the required BOOST
for 60° phase margin. If not, use Equation 12 (the
Type 3 Loop).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com