Electronic Components Datasheet Search
  English  ▼

X  

SC18IM704 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 2 Page - NXP Semiconductors

  SC18IM704 Datasheet HTML 1Page - NXP Semiconductors SC18IM704 Datasheet HTML 2Page - NXP Semiconductors SC18IM704 Datasheet HTML 3Page - NXP Semiconductors SC18IM704 Datasheet HTML 4Page - NXP Semiconductors SC18IM704 Datasheet HTML 5Page - NXP Semiconductors SC18IM704 Datasheet HTML 6Page - NXP Semiconductors SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
3 Applications
• Enable I2C-bus controller support in a system
• I2C-bus instrumentation and control
• Industrial control
• Medical equipment
• Cellular telephones
• Handheld computers
4 Ordering information
Package
Type number
Topside
marking
Name
Description
Version
SC18IM704PW
18IM704
TSSOP16
plastic thin shrink small outline package; 16 leads;
body width 4.4 mm with 0.65 mm pitch
SOT403-1
Table 1. Ordering information
4.1 Ordering options
Type number
Orderable part number
Package Packing method
Minimum
order
quantity
Temperature
SC18IM704PW
SC18IM704PWJ
TSSOP16 REEL 13" Q1
*STANDARD MARK
SMD NON DRY
PACK [1]
2500
Tamb = -40 °C to +105 °C
Table 2. Ordering options
[1]
Find packing information at www.nxp.com/docs/en/packing/SOT403-1_118.pdf
5 Block diagram
SC18IM704
I2C-BUS
CONTROLLER
aaa-039987
VDD
UART
SCL
SDA
GPIO
REGISTER
GPIOs
RX
TX
8
RESET
VSS
Figure 1. Block diagram of SC18IM704
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
2 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com