Electronic Components Datasheet Search
  English  ▼

X  

SC18IM704 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button SC18IM704 Datasheet HTML 2Page - NXP Semiconductors SC18IM704 Datasheet HTML 3Page - NXP Semiconductors SC18IM704 Datasheet HTML 4Page - NXP Semiconductors SC18IM704 Datasheet HTML 5Page - NXP Semiconductors SC18IM704 Datasheet HTML 6Page - NXP Semiconductors SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors SC18IM704 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
any GPIO pins programmed as output without having to write to SC18IM704 internal
IOState register.
002aac052
O CHAR.
DATA
P CHAR.
Figure 7. Write to output port
7.1.6 Read from GPIO port
The host issues the input port read command by sending an I character. This command
enables the host to quickly read any GPIO pins programmed as input without having to
read SC18IM704 internal IOState register.
Once the command is issued, SC18IM704 will read its internal IOState register and
returns its content to the host.
002aac053
I CHAR.
18IM responds
DATA
P CHAR.
Figure 8. Read from output port
7.1.7 Repeated START: read after write
SC18IM704 also supports ‘read after write’ command as specified in the NXP
Semiconductors I2C-bus specification. This allows a read command to be sent after a
write command without having to issue a STOP condition between the two commands.
The host issues a write command as normal, then immediately issues a read command
without sending a STOP (P) character after the write command.
002aac054
NUMBER
OF BYTES
S CHAR. TARGET ADR.
+ W
S CHAR.
NUMBER
OF BYTES
TARGET ADR.
+ R
DATA 0
DATA N
P CHAR.
18IM responds
DATA 0
DATA N
Figure 9. Repeated START: read after write
7.1.8 Repeated START: write after write
SC18IM704 also supports ‘write after write’ command as specified in the NXP
Semiconductors I2C-bus specification. This allows a write command to be sent after a
write command without having to issue a STOP condition between the two commands.
The host issues a write command as normal, then immediately issues a second write
command without sending a STOP (P) character after the first write command.
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
6 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com