Electronic Components Datasheet Search
  English  ▼

X  

SC18IM704 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button SC18IM704 Datasheet HTML 5Page - NXP Semiconductors SC18IM704 Datasheet HTML 6Page - NXP Semiconductors SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors SC18IM704 Datasheet HTML 10Page - NXP Semiconductors SC18IM704 Datasheet HTML 11Page - NXP Semiconductors SC18IM704 Datasheet HTML 12Page - NXP Semiconductors SC18IM704 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
9 Internal registers available
9.1 Register summary
Register
address
Register
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
R/W
Default
value
General register set
0x00
BRG0
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0xF0
0x01
BRG1
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x02
0x02
PortConf1
GPIO3.1
GPIO3.0
GPIO2.1
GPIO2.0
GPIO1.1
GPIO1.0
GPIO0.1
GPIO0.0
R/W
0x55
0x03
PortConf2
GPIO7.1
GPIO7.0
GPIO6.1
GPIO6.0
GPIO5.1
GPIO5.0
GPIO4.1
GPIO4.0
R/W
0x55
0x04
IOState
GPIO7
GPIO6
GPIO5
GPIO4
GPIO3
GPIO2
GPIO1
GPIO0
R/W
- [1]
0x05
reserved
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
-
0x00
0x06
I2CAdr
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x26
0x07
I2CClkL
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x13
0x08
I2CClkH
bit 7
bit 6
bit 5
bit 4
bit 3
bit 2
bit 1
bit 0
R/W
0x00
0x09
I2CTO
TO7
TO6
TO5
TO4
TO3
TO2
TO1
TE
R/W
0x66
0x0A
I2CStat
1
1
1
1
I2CStat[3]
I2CStat[2]
I2CStat[1]
I2CStat[0]
R
0xF0
Table 5. Internal registers summary
[1]
Since the GPIO pins are configured as inputs after reset, the default value of this register depends on the states of the GPIO pins.
9.2 Register descriptions
9.2.1 Baud Rate Generator (BRG)
The baud rate generator is an 8-bit counter that generates the data rate for the
transmitter and the receiver. The rate is programmed through the BRG register and the
baud rate can be calculated as follows:
Remark: To calculate the baud rate the values in the BRG registers must first be
converted from hex to decimal.
Remark: For the new baud rate to take effect, both BRG0 and BRG1 must be written
in sequence (BRG0, BRG1) with new values. The new baud rate will be in effect once
BRG1 is written.
9.2.2 Programmable port configuration (PortConf1 and PortConf2)
GPIO port 0 to port 7 may be configured by software to one of three types. These
are: push-pull, open-drain, and input-only. Two bits are used to select the desired
configuration for each port pin. PortConf1 is used to select the configuration for GPIO3 to
GPIO0, and PortConf2 is used to select the configuration for GPIO7 to GPIO4. A port pin
has Schmitt triggered input that also has a glitch suppression circuit.
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
9 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com