Electronic Components Datasheet Search
  English  ▼

X  

SC18IM704 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 3 Page - NXP Semiconductors

  SC18IM704 Datasheet HTML 1Page - NXP Semiconductors SC18IM704 Datasheet HTML 2Page - NXP Semiconductors SC18IM704 Datasheet HTML 3Page - NXP Semiconductors SC18IM704 Datasheet HTML 4Page - NXP Semiconductors SC18IM704 Datasheet HTML 5Page - NXP Semiconductors SC18IM704 Datasheet HTML 6Page - NXP Semiconductors SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
6 Pinning information
6.1 Pinning
SC18IM704PW
SDA
GPIO1
SCL
VREFP
GPIO6
GPIO5
RESET
VSS
GPIO7
VDD
GPIO3
TX
GPIO2
RX
GPIO4
GPIO0
aaa-039988
1
2
3
4
5
6
7
8
10
9
12
11
14
13
16
15
Figure 2. Pin configuration for TSSOP16
6.2 Pin description
Symbol
Pin
Type
Description
GPIO0
9
I/O
programmable I/O pin
GPIO1
16
I/O
programmable I/O pin
RESET
4
I
hardware reset input
VSS
13
-
ground
GPIO2
7
I/O
programmable I/O pin
GPIO3
6
I/O
programmable I/O pin
SDA
1
I/O
I2C-bus data pin
SCL
2
O
I2C-bus clock output
RX
10
I
RS-232 receive input/Wake up. Device goes to Deep Power-
down mode via the command 0x5A 0xA5 and exits the Deep
Power-down mode when RX pin is driven LOW. A resistor must be
connected between VDD and RX pin or the RX pin driven HIGH to
remain in Deep Power-down mode.
TX
11
O
RS-232 transmit input
GPIO6
3
I/O
programmable I/O pin which must be pulled HIGH with resistor and
must not be held LOW at power on or reset.
VDD
12
-
power supply
GPIO7
5
I/O
programmable I/O pin
GPIO5
14
I/O
programmable I/O pin
GPIO4
8
I/O
programmable I/O pin
VREFP
15
I
connect to VDD
Table 3. Pin description
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
3 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com