Electronic Components Datasheet Search
  English  ▼

X  

SC18IM704 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # SC18IM704
Description  UART to I2C-bus bridge
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

SC18IM704 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button SC18IM704 Datasheet HTML 7Page - NXP Semiconductors SC18IM704 Datasheet HTML 8Page - NXP Semiconductors SC18IM704 Datasheet HTML 9Page - NXP Semiconductors SC18IM704 Datasheet HTML 10Page - NXP Semiconductors SC18IM704 Datasheet HTML 11Page - NXP Semiconductors SC18IM704 Datasheet HTML 12Page - NXP Semiconductors SC18IM704 Datasheet HTML 13Page - NXP Semiconductors SC18IM704 Datasheet HTML 14Page - NXP Semiconductors SC18IM704 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
NXP Semiconductors
SC18IM704
UART to I2C-bus bridge
002aab883
VSS
pin latch data
GPIO pin
glitch rejection
input data
Figure 15. Open-drain output configuration
9.2.3 Programmable I/O pins state register (IOState)
When read, this register returns the actual state of all I/O pins. When written, each
register bit will be transferred to the corresponding I/O pin programmed as output.
Bit
Symbol
Description
7:0
IOLevel
Set the logic level on the output pins.
Write to this register:
logic 0 = set output pin to zero
logic 1 = set output pin to one
Read this register returns states of all pins.
Table 7. IOState - Programmable I/O pins state register (address 0x04h) bit
description
9.2.4 I2C-bus address register (I2CAdr)
The contents of the register represents the device’s own I2C-bus address. The most
significant bit corresponds to the first bit received from the I2C-bus after a START
condition. A logic 1 in I2CAdr corresponds to a HIGH level on the I2C-bus, and a logic
0 corresponds to a LOW level on the I2C-bus. The least significant bit is not used, but
should be programmed with a ‘0’.
I2CAdr is not needed for device operation, but should be configured so that its address
does not conflict with an I2C-bus device address used by the bus controller.
9.2.5 I2C-bus clock rates (I2CClk)
This register determines the serial clock frequency. The various serial rates are shown in
Table 8. The frequency can be determined using the following formula:
I2CClk (I2CClkH +
I2CClkL)
I2C-bus clock frequency
5 (minimum)
375 kHz
7
268 kHz
9
208 kHz
19
99 kHz
Table 8. I2C-bus clock frequency
SC18IM704
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2021. All rights reserved.
Product data sheet
Rev. 1.0 — 22 September 2021
11 / 28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com