Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 17Page - NXP Semiconductors LPC55S0X Datasheet HTML 18Page - NXP Semiconductors LPC55S0X Datasheet HTML 19Page - NXP Semiconductors LPC55S0X Datasheet HTML 20Page - NXP Semiconductors LPC55S0X Datasheet HTML 21Page - NXP Semiconductors LPC55S0X Datasheet HTML 22Page - NXP Semiconductors LPC55S0X Datasheet HTML 23Page - NXP Semiconductors LPC55S0X Datasheet HTML 24Page - NXP Semiconductors LPC55S0X Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
21 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
PIO0_16/
ADC0_8
74
[4]
Z
I/O;
AI
0 PIO0_16/ADC0_8 — General-purpose digital input/output pin.
ADC input channel 8 if the DIGIMODE bit is set to 0 and
ANAMODE is set to 1 in the IOCON register for this pin.
I/O
1 FC4_TXD_SCL_MISO_WS — Flexcomm 4: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
O2 CLKOUT — Output of the CLKOUT function.
I3 CTIMER_INP4 — Capture input to CTIMER input multiplexers.
4 R — Reserved.
5 R — Reserved.
6 R — Reserved.
7 R — Reserved.
8 R — Reserved.
9 R — Reserved.
I/O
1
0
SEC_PIO0_16 — Secure GPIO pin.
PIO0_18/
ACMP0_C
38
-
[4]
Z
I/O;
AI
0 PIO0_18/ACMP0_C — General-purpose digital input/output
pin. Comparator 0, input C if the DIGIMODE bit is set to 0 and
ANAMODE is set to 1 in the IOCON register for this pin.
I/O
1 FC4_CTS_SDA_SSEL0 — Flexcomm 4: USART
clear-to-send, I2C data I/O, SPI Slave Select 0.
I2 R — Reserved.
O3 CTIMER1_MAT0 — 32-bit CTimer1 match output 0.
O4 SCT0_OUT1 — SCTimer/PWM output 1.
5 R — Reserved.
6 R — Reserved.
7 R — Reserved.
8 R — Reserved.
I9 PLU_INPUT3 — PLU input 3.
I/O
1
0
SEC_PIO0_18 — Secure GPIO pin.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com