Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 35Page - NXP Semiconductors LPC55S0X Datasheet HTML 36Page - NXP Semiconductors LPC55S0X Datasheet HTML 37Page - NXP Semiconductors LPC55S0X Datasheet HTML 38Page - NXP Semiconductors LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors LPC55S0X Datasheet HTML 41Page - NXP Semiconductors LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
39 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
• ROM API functions: Flash programming API, Power control API, and Secure firmware
update API using NXP Secure Boot file format, version 2.0 (SB2 files).
• Supports booting of images from PRINCE encrypted flash region.
• Supports NXP Debug Authentication Protocol version 1.0 (RSA-2048) and 1.1
(RSA-4096)
• Supports setting a sealed part to Fault Analysis mode through Debug authentication.
The on-chip ROM supports the following secure boot features:
• Uses RSASSA-PKCS1-v1_5 signature of SHA256 digest as cryptographic signature
verification
• Supports RSA-2048 bit public keys (2048 bit modulus, 32-bit exponent)
• Supports RSA-4096 bit public keys (4096 bit modulus, 32-bit exponent)
• Uses x509 certificate format to validate image public keys
• Supports up to four revocable Root of Trust (or Certificate Authority) keys, Root of
Trust (RoT) establishment by storing the SHA-256 hash digest of the hashes of four
RoT public keys in protected flash region (PFR)
• Supports anti-rollback feature using image key revocation and supports up to 16
Image key certificates revocations using Serial Number field in x509 certificate.
• Supports Device Identifier Composition Engine (DICE) Specification (version Family
2.0, Level 00 Revision 69) specified by Trusted Computing Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com