Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 66 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 66 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 62Page - NXP Semiconductors LPC55S0X Datasheet HTML 63Page - NXP Semiconductors LPC55S0X Datasheet HTML 64Page - NXP Semiconductors LPC55S0X Datasheet HTML 65Page - NXP Semiconductors LPC55S0X Datasheet HTML 66Page - NXP Semiconductors LPC55S0X Datasheet HTML 67Page - NXP Semiconductors LPC55S0X Datasheet HTML 68Page - NXP Semiconductors LPC55S0X Datasheet HTML 69Page - NXP Semiconductors LPC55S0X Datasheet HTML 70Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
66 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
8. Limiting values
[1]
The following applies to the limiting values:
a) This product includes circuitry specifically designed for the protection of its internal devices from the damaging effects of excessive
static charge. Nonetheless, it is suggested that conventional precautions be taken to avoid applying greater than the rated
maximum.
b) Parameters are valid over operating temperature range unless otherwise specified. All voltages are with respect to VSS unless
otherwise noted.
c) The limiting values are stress ratings only and operating the part at these values is not recommended and proper operation is not
guaranteed. The conditions for functional operation are specified in Table 21.
[2]
Maximum/minimum voltage above the maximum operating voltage (see Table 21) and below ground that can be applied for a short time
(< 10 ms) to a device without leading to irrecoverable failure. Failure includes the loss of reliability and shorter lifetime of the device.
[3]
Human body model: equivalent to discharging a 100 pF capacitor through a 1.5 k
 series resistor.
[4]
VDD present or not present. Compliant with the I2C-bus standard. 5.5 V can be applied to this pin when VDD is powered down.
[5]
Including the voltage on outputs in 3-state mode.
[6]
An ADC input voltage above 3.6 V can be applied for a short time without leading to immediate, unrecoverable failure. Accumulated
exposure to elevated voltages at 4.6 V must be less than 106 s total over the lifetime of the device. Applying an elevated voltage to the
ADC inputs for a long time affects the reliability of the device and reduces its lifetime.
Table 11.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).[1]
Symbol
Parameter
Conditions
Min
Max
Unit
VDD
Main IO supply
[2] -0.3
3.96
V
VBAT_DCDC
Supply of DCDC output
stage. DCDC core
supply (references and
regulation stages)
[2] -0.3
3.96
V
VBAT_PMU
Analog supply
[2] -0.3
3.96
V
VDD_PMU
Analog supply for Core.
DCDC output
[2] -0.3
1.26
V
VDDA
Analog supply voltage
for ADC
[2] -0.3
3.96
V
Vrefp
ADC positive reference
voltage
[2] -0.3
3.96
V
VI
input voltage
only valid when the VDD ≥ 1.8 V
[5]
0.5
VDD + 0.5
V
VI
input voltage
on I2C open-drain pins
0.5
VDD + 0.5
V
VIA
analog input voltage
on digital pins configured for an analog
function
[6][7] -0.3
3.96
V
IDD
total supply current
per supply pin (HTQFP64, HVQFN48)
-
256
mA
ISS
total ground current
per ground pin (HTQFP64, HVQFN48)
-
256
mA
Ilatch
I/O latch-up current
(0.5VDD) < VI < (1.5VDD);
Tj < 125 C
-
100
mA
Tstg
storage temperature
-65
+150
C
VESD
electrostatic discharge
voltage
human body model; all pins
[3]
2000
V
VESD
electrostatic discharge
voltage
charge device model; all pins
[3]
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com