Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 41 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 41 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 37Page - NXP Semiconductors LPC55S0X Datasheet HTML 38Page - NXP Semiconductors LPC55S0X Datasheet HTML 39Page - NXP Semiconductors LPC55S0X Datasheet HTML 40Page - NXP Semiconductors LPC55S0X Datasheet HTML 41Page - NXP Semiconductors LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors LPC55S0X Datasheet HTML 44Page - NXP Semiconductors LPC55S0X Datasheet HTML 45Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
41 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.15 Links to specific memory map descriptions and tables:
• Section 7.16 “Memory map overview”
• Section 7.17 “APB peripherals”
• Section 7.18 “AHB peripherals”
7.16 Memory map overview
Table 6 gives a more detailed memory map as seen by the Cortex-M33. The purpose of
the four address spaces for the shared RAMs is outlined at the beginning of this chapter.
The details of which shared RAM regions are on which AHB matrix slave ports can be
seen here.
[1]
Gaps between AHB matrix slave ports are not shown.
Table 6.
Memory map overview
AHB
port
Non-secure
start address
Non-secure
end address
Secure start
address
Secure end
address
Function [1]
0
0x0000 0000
0x0003 FFFF 0x1000 0000 0x1003 FFFF Flash memory, on CM33 code bus. The last 17 pages
(12 KB) are reserved on the 256 KB flash devices
resulting in 244 KB internal flash memory.
0x0300 0000
0x0301 FFFF 0x1300 0000 0x1301 FFFF Boot ROM, on CM33 code bus.
1
0x0400 0000
0x0400 3FFF 0x1400 0000 0x1400 3FFF SRAM X on CM33 code bus, 16 KB. SRAMX_0
(0x1400 0000 to 0x1400 0FFF) and SRAMX_1
(0x1400 1000 to 0x1400 1FFF) are used for Casper
(total 8 KB). If CPU retention used in power-down
mode, SRAMX_2 (0x1400 2000 to 0x1400 25FF) is
used (total 1.5 KB) by default in power API and this is
user configurable within SRAMX_2 and SRAMX_3.
2
0x2000 0000
0x2000 7FFF 0x3000 0000 0x3000 7FFF SRAM 0 on CM33 data bus, 32 KB.
3
0x2000 8000
0x2000 BFFF 0x3000 8000 0x3000 BFFF SRAM 1 on CM33 data bus, 16 KB.
4
0x2000 C000 0x2000 FFFF 0x3000 C000 0x3000 FFFF SRAM 2 on CM33 data bus, 16 KB.
5
0x2001 0000
0x2001 3FFF 0x3001 0000 0x3001 3FFF SRAM 3, 16 KB.
6
0x4000 0000
0x4001 FFFF 0x5000 0000 0x5001 FFFF AHB to APB bridge 0. See Section 7.17.
0x4002 0000
0x4003 FFFF 0x5002 0000 0x5003 FFFF AHB to APB bridge 1. See Section 7.17.
7
0x4008 0000
0x4008 FFFF 0x5008 0000 0x5008 FFFF AHB peripherals. See Section 7.18.
8
0x4009 0000
0x4009 FFFF 0x5009 0000 0x5009 FFFF AHB peripherals. See Section 7.18.
9
0x400A 0000
0x400A FFFF 0x500A 0000 0x500A FFFF AHB peripherals. See Section 7.18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com