Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 9 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 5Page - NXP Semiconductors LPC55S0X Datasheet HTML 6Page - NXP Semiconductors LPC55S0X Datasheet HTML 7Page - NXP Semiconductors LPC55S0X Datasheet HTML 8Page - NXP Semiconductors LPC55S0X Datasheet HTML 9Page - NXP Semiconductors LPC55S0X Datasheet HTML 10Page - NXP Semiconductors LPC55S0X Datasheet HTML 11Page - NXP Semiconductors LPC55S0X Datasheet HTML 12Page - NXP Semiconductors LPC55S0X Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
9 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
5. Block diagram
Fig 1.
LPC55S0x/LPC550x Block diagram
Multilayer
AHB Matrix
Coprocessor interface with
math function
JTAG
boundary scan
Serial Wire
Debug
CRC
engine
SRAM2
16 KB
SRAMX
16 KB
SRAM1
16 KB
SCTimer / PWM
HS GPIO
CLKIN
CRYSTAL
CLKOUT
Clocks,
Power control,
DC-DC Converter,
LDOs,
system functions
PoR
PLL
BoD
FRO
MPU
Debug
Interface
ISP-AP
registers
FPU
RST_n
VDD
Lx
ROM
SRAM3
16 KB
Notes:
[1] : Each FlexComm includes USART, SPI, I2C and I2S functions. Flexcomms 0 to 7 each provide 1 channel-pair of I2S function.
CASPER
Registers
System Functions
APB
bridge 0
2x 32-bit timer (CTIMER0, 1)
GPIO Pin Interrupts
I/O configuration
PUF KEY
Hash-AES
registers
Temp sensor
ADC: 2Ms/s, 16b, 8-diff ch.
APB
bridge 1
PMU registers
Flash Controller registers
3x 32-bit timer (CTIMER2,3,4)
In AO Power Domain
Real Time Clock,
Alarm & Wakeup
RTC time capture
32 kHz
clk (FRO/
XTAL)
WD_Osc
(FRO1M)
Windowed Watchdog
MicroTick Timer
Analog Comparator
GPIO group interrupts
Peripheral input muxes
Multi-rate Timer
PLU
HS LSPI
ANA Ctrl
Arm
Cortex-M33
AIPS Bridge
SRAM0
32 KB
PUF Key
Wrapper
DMA0
registers
Flexcomm 0-4 [1]
Flexcomm 5-7 [1]
DMA1
registers
RNG
OS_Event_Timer
Secure
HS GPIO
Secure GPIO Pin Interrupts
Flash
256 KB
Flash
interface
PRINCE
190307
DMA0
DMA1
CAN
interface
CAN
FD
Hash-
AES
Frequency Measurement Unit
CAN FD
registers
Code
WatchDog



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com