Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 32 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 28Page - NXP Semiconductors LPC55S0X Datasheet HTML 29Page - NXP Semiconductors LPC55S0X Datasheet HTML 30Page - NXP Semiconductors LPC55S0X Datasheet HTML 31Page - NXP Semiconductors LPC55S0X Datasheet HTML 32Page - NXP Semiconductors LPC55S0X Datasheet HTML 33Page - NXP Semiconductors LPC55S0X Datasheet HTML 34Page - NXP Semiconductors LPC55S0X Datasheet HTML 35Page - NXP Semiconductors LPC55S0X Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
32 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
PIO1_22
26
-
[2]
ZI/O
0 PIO1_22 — General-purpose digital input/output pin.
1 R — Reserved.
I/O
2 R — Reserved.
O3 CTIMER2_MAT3 — 32-bit CTimer2 match output 3.
I4 SCT0_GPI5 — Pin input 5 to SCTimer/PWM.
I/O
5 FC4_SSEL3 — Flexcomm 4: SPI slave select 3.
6 R — Reserved.
O7 PLU_OUT4 — PLU output 4.
8 R — Reserved
I9 CAN0_RD — Receiver input for CAN 0.
PIO1_23
27
-
[2]
ZI/O
0 PIO1_23 — General-purpose digital input/output pin.
I/O
1 FC2_SCK — Flexcomm 2: USART, SPI, or I2S clock.
O2 SCT0_OUT0 — SCTimer/PWM output 0.
I/O
3 R — Reserved.
4 R — Reserved.
I/O
5 FC3_SSEL2 — Flexcomm 3: SPI slave select 2.
6 R — Reserved.
O7 PLU_OUT5 — PLU output 5.
8 R — Reserved.
PIO1_25
50
-
[2]
ZI/O
0 PIO1_25 — General-purpose digital input/output pin.
I/O
1 FC2_TXD_SCL_MISO_WS — Flexcomm 2: USART
transmitter, I2C clock, SPI master-in/slave-out data I/O, I2S
word-select/frame.
O2 SCT0_OUT2 — SCTimer/PWM output 2.
I/O
3 R — Reserved.
I4 UTICK_CAP0 — Micro-tick timer capture input 0.
5 R — Reserved.
6 R — Reserved.
I7 PLU_CLKIN — PLU clock input.
8 R — Reserved.
Table 3.
Pin description …continued
Symbol
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com