Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 46 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 42Page - NXP Semiconductors LPC55S0X Datasheet HTML 43Page - NXP Semiconductors LPC55S0X Datasheet HTML 44Page - NXP Semiconductors LPC55S0X Datasheet HTML 45Page - NXP Semiconductors LPC55S0X Datasheet HTML 46Page - NXP Semiconductors LPC55S0X Datasheet HTML 47Page - NXP Semiconductors LPC55S0X Datasheet HTML 48Page - NXP Semiconductors LPC55S0X Datasheet HTML 49Page - NXP Semiconductors LPC55S0X Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
46 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
Fig 5.
Clock generation (Part 1 of 2)
AHBCLKDIV
Main clock select B
MAINCLKSELB[1:0]
System
Clock
Divider
clk_in
Main clock select A
MAINCLKSELA[1:0]
fro_1m
fro_12m
clk_in
32k_osc
PLL0 clock select
PLL0CLKSEL[2:0]
fro_1m
main_clk
fro_hf
fro_12m
pll0_clk
ADCCLKDIV
ADC Clock
Divider
to ADC
fro_hf
PLL0
settings
PLL0
main_clk
"none"
011
001
010
000
111
"none"
pll0_clk
32k_osc
11
01
10
00
to CPU0, AHB
bus, Sync APB,
etc.
xtalout
xtalin
Main crystal
oscillator
clk_in
pll0_clk
MCLK Clock Select
MCLKCLKSEL[2:0]
MCLKDIV
MCLK
Divider
MCLK pin
(output)
pll0_clk
fro_hf
"none"
FROHFDIV
fro_hf_div
FRO_HF
Divider
fro_hf
PLL0DIV (for
Flexcomms)
pll0_clk_div
PLL0
Divider
pll0_clk
fro_1m
111
001
010
000
pll1_clk
WDT
Divider
WDTCLKDIV [5:0]
wdt_clk
ADC clock select
ADCCLKSEL[2:0]
1Hz to RTC
Divide by
32k
0
1
XTAL32K
FRO32K
1KHz to RTC
Divide by
32k
Osc32k Clock Select
PMC.RTCOSC32K[0]
(1) : synchronized multiplexer, see
register descriptions for details.
(1)
(1)
181130
XO32M_CTRL
fro_1m
utick_clk
32k_osc
001
010
000
111
001
000
111
fro_1m
to PLU
fro_12m
to PLU
fro_12m
to RNG
fro_12m
to analog_ctrl
xo_to_adc_clk
100
xo_to_adc_clk
fro_1m
Systick Clock Select
PMC.OSTIMER[5:4]
main_clk
none
11
01
10
00
32_osc
OS timer
to CLK32k of all
FCs to RTC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com