Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 1 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 1 Page - NXP Semiconductors

  LPC55S0X Datasheet HTML 1Page - NXP Semiconductors LPC55S0X Datasheet HTML 2Page - NXP Semiconductors LPC55S0X Datasheet HTML 3Page - NXP Semiconductors LPC55S0X Datasheet HTML 4Page - NXP Semiconductors LPC55S0X Datasheet HTML 5Page - NXP Semiconductors LPC55S0X Datasheet HTML 6Page - NXP Semiconductors LPC55S0X Datasheet HTML 7Page - NXP Semiconductors LPC55S0X Datasheet HTML 8Page - NXP Semiconductors LPC55S0X Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 118 page
background image
1. General description
The LPC55S0x/LPC550x is an ARM Cortex-M33 based microcontroller for embedded
applications. These devices include CASPER Crypto engine, up to 256 KB on-chip flash,
up to 96 KB of on-chip SRAM, PRINCE module for on-the-fly flash encryption/decryption,
Code Watchdog, CAN FD, five general-purpose timers, one SCTimer/PWM, one
RTC/alarm timer, one 24-bit Multi-Rate Timer (MRT), a Windowed Watchdog Timer
(WWDT), nine flexible serial communication peripherals (which can be configured as a
USART, SPI, high speed SPI, I2C, or I2S interface), Programmable Logic Unit (PLU), one
16-bit 2.0 Msamples/sec ADC capable of simultaneous conversions, comparator, and
temperature sensor.
The ARM Cortex-M33 provides a security foundation, offering isolation to protect valuable
IP and data with TrustZone® technology. It simplifies the design and software
development of digital signal control systems with the integrated digital signal processing
(DSP) instructions. To support security requirements, the LPC55S0x/LPC550x also offers
support for secure boot, HASH, AES, RSA, UUID, DICE, dynamic encrypt and decrypt,
debug authentication, and TBSA compliance.
2. Features and benefits
ARM Cortex-M33 core (r0p4):
Running at a frequency of up to 96 MHz.
Integrated digital signal processing (DSP) instructions.
TrustZone®, Floating Point Unit (FPU) and Memory Protection Unit (MPU).
ARM Cortex M33 built-in Nested Vectored Interrupt Controller (NVIC).
Non-maskable Interrupt (NMI) input with a selection of sources.
Serial Wire Debug with eight breakpoints and four watch points. Includes Serial
Wire Output for enhanced debug capabilities.
System tick timer.
CASPER Crypto co-processor is provided to enable hardware acceleration for various
functions required for certain asymmetric cryptographic algorithms, such as, Elliptic
Curve Cryptography (ECC).
LPC55S0x/LPC550x
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB
SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit
counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec
ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,
RNG
Rev. 1.2 — 6 August 2021
Product data sheet


Similar Part No. - LPC55S0X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S0X NXP-LPC55S0X Datasheet
3Mb / 116P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.0-16 October 2020
LPC55S0X NXP-LPC55S0X Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023
LPC55S0X NXP-LPC55S0X Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.4 - 14 April 2023
LPC55S0X NXP-LPC55S0X_V02 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023
LPC55S0X NXP-LPC55S0X_V03 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.4 - 14 April 2023
More results

Similar Description - LPC55S0X

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
LPC55S6X NXP-LPC55S6X Datasheet
4Mb / 128P
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS,Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev.1.9-10 February 2020
LPC55S1X NXP-LPC55S1X Datasheet
4Mb / 128P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, USB HS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.2-8 June 2020
LPC55S2X NXP-LPC55S2X Datasheet
4Mb / 126P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.8-4 March 2020
LPC55S0X NXP-LPC55S0X Datasheet
3Mb / 116P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.0-16 October 2020
LPC55S1X NXP-LPC55S1X_V01 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, USB HS, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0
Rev. 1.6-6 August 2021
LPC55S2X NXP-LPC55S2X_V01 Datasheet
3Mb / 132P
32-bit Arm Cortex짰-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.1-6 August 2021
LPC55S6X NXP-LPC55S6X_V01 Datasheet
3Mb / 133P
32-bit Arm Cortex짰-M33; M33 coprocessor, TrustZone, PowerQuad, CASPER, 320 KB SRAM; 640 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers,SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC,
Rev. 2.3-6 August 2021
LPC55S2X NXP-LPC55S2X_V02 Datasheet
3Mb / 140P
32-bit Arm Cortex®-M33, CASPER, 256 KB SRAM; 512 KB flash, USB HS, Flexcomm Interface, SDIO, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 1.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 2.2 - 8 December 2022
LPC55S0X NXP-LPC55S0X_V02 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.3 - 3 February 2023
LPC55S0X NXP-LPC55S0X_V03 Datasheet
2Mb / 119P
32-bit Arm Cortex®-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bit counter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/sec ADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC, RNG
Rev. 1.4 - 14 April 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com