Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 49 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 45Page - NXP Semiconductors LPC55S0X Datasheet HTML 46Page - NXP Semiconductors LPC55S0X Datasheet HTML 47Page - NXP Semiconductors LPC55S0X Datasheet HTML 48Page - NXP Semiconductors LPC55S0X Datasheet HTML 49Page - NXP Semiconductors LPC55S0X Datasheet HTML 50Page - NXP Semiconductors LPC55S0X Datasheet HTML 51Page - NXP Semiconductors LPC55S0X Datasheet HTML 52Page - NXP Semiconductors LPC55S0X Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
49 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
The LPC55S0x/LPC550x can wake up from power-down mode via a reset, digital pins
selected as inputs to the group interrupt block, OS Timer, RTC alarm, an interrupt from the
Flexcomm Interface 3 (SPI, I2C, I2S, USART), and comparator.
In power-down mode, the CPU processor state is retained to allow resumption of code
execution when a wake-up event occurs.
All SRAM, logic state, and registers maintain their internal states. All SRAM instances that
are not configured to enter in ‘retention state’ will enter in ‘shutdown’ state.
7.21.4 Deep power-down mode
In deep power-down mode, power is shut off to the entire chip except for the RTC power
domain, the RESET pin, Wake-up pins (up to two on HTQFP64 and one on HVQFN48),
and the OS Timer if enabled. Clock sources such as FRO 32 kHz, and the 32.768 kHz
RTC clock can be enabled or disabled via software. The LPC55S0x/LPC550x can wake
up from deep power-down mode via the RESET pin, the RTC alarm, four special wake-up
pins, or without an external signal, by using the time-out of the OS Timer. The ALARM1HZ
flag in RTC control register generates an RTC wake-up interrupt request, which can wake
up the part. SRAM can maintain their internal states. All SRAM instances that are not
configured to enter in ‘retention state’ will enter in ‘shutdown’ state. In deep power-down
mode all functional pins are in tri-state.
7.22 General Purpose I/O (GPIO)
The LPC55S0x/LPC550x provide GPIO ports 0 and 1 with a total of 64 GPIO pins.
Device pins that are not connected to a specific peripheral function are controlled by the
GPIO registers. Pins may be dynamically configured as inputs or outputs. Separate
registers allow setting or clearing any number of outputs simultaneously. The current level
of a port pin can be read back no matter what peripheral is selected for that pin.
See Table 3 “Pin description” for the default state on reset.
7.22.1 Features
• Accelerated GPIO functions:
– GPIO registers are located on the AHB so that the fastest possible I/O timing can
be achieved.
– Mask registers allow treating sets of port bits as a group, leaving other bits
unchanged.
– All GPIO registers are byte and half-word addressable.
– Entire port value can be written in one instruction.
• Bit-level set, clear, and toggle registers allow a single instruction set, clear or toggle of
any number of bits in one port.
• Direction control of individual bits.
• All I/O default to inputs after reset.
• All GPIO pins can be selected to create an edge or level-sensitive GPIO interrupt
request.
• Two GPIO group interrupts can be triggered by a combination of any pin or pins to
reflect two distinct interrupt patterns.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com