Electronic Components Datasheet Search
  English  ▼

X  

LPC55S0X Datasheet(PDF) 57 Page - NXP Semiconductors

Part # LPC55S0X
Description  32-bit Arm Cortex짰-M33, TrustZone, PRINCE, CASPER, 96 KB SRAM; 256 KB flash, Flexcomm Interface, CAN FD, 32-bitcounter/ timers, SCTimer/PWM, PLU, 16-bit 2.0 Msamples/secADC, Comparator, Temperature Sensor, AES, PUF, SHA, CRC,RNG
PDF  118 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC55S0X Datasheet(HTML) 57 Page - NXP Semiconductors

Back Button LPC55S0X Datasheet HTML 53Page - NXP Semiconductors LPC55S0X Datasheet HTML 54Page - NXP Semiconductors LPC55S0X Datasheet HTML 55Page - NXP Semiconductors LPC55S0X Datasheet HTML 56Page - NXP Semiconductors LPC55S0X Datasheet HTML 57Page - NXP Semiconductors LPC55S0X Datasheet HTML 58Page - NXP Semiconductors LPC55S0X Datasheet HTML 59Page - NXP Semiconductors LPC55S0X Datasheet HTML 60Page - NXP Semiconductors LPC55S0X Datasheet HTML 61Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 118 page
background image
LPC55S0x/LPC550x
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 1.2 — 6 August 2021
57 of 115
NXP Semiconductors
LPC55S0x/LPC550x
32-bit ARM Cortex-M33 microcontroller
7.26.3 Windowed WatchDog Timer (WWDT)
The purpose of the Watchdog Timer is to reset or interrupt the microcontroller within a
programmable time if it enters an erroneous state. When enabled, a watchdog reset is
generated if the user program fails to feed (reload) the Watchdog within a predetermined
amount of time.
7.26.3.1 Features
• Internally resets chip if not reloaded during the programmable time-out period.
• Optional windowed operation requires reload to occur between a minimum and
maximum time period, both programmable.
• Optional warning interrupt can be generated at a programmable time prior to
watchdog time-out.
• Programmable 24-bit timer with internal fixed pre-scaler.
• Selectable time period from 1,024 watchdog clocks (TWDCLK × 256 × 4) to over 67
million watchdog clocks (TWDCLK × 224 × 4) in increments of four watchdog clocks.
• “Safe” watchdog operation. Once enabled, requires a hardware reset or a Watchdog
reset to be disabled.
• Incorrect feed sequence causes immediate watchdog event if enabled.
• The watchdog reload value can optionally be protected such that it can only be
changed after the “warning interrupt” time is reached.
• Flag to indicate Watchdog reset.
• The watchdog clock (WDCLK) is generated from always on FRO_1MHz clock which
can be divided by WDT clock divider register. The accuracy of this clock is limited to
+/- 15% over temperature, voltage, and silicon processing variations.
• The Watchdog timer can be configured to run in Deep-sleep mode.
• Debug mode.
7.27 Code WatchDog Timer (CWT)
Code Watchdog for detecting code flow integrity.
7.27.1 Features
• Secure Counter (SEC_CNT) to detect altered software in the execution flow.
• Instruction Timer (INST_TIMER) which places a hard upper-limit on the interval
between checks of the secure counter.
7.27.2 RTC timer
The RTC block to count seconds and generate an alarm interrupt to the processor
whenever the counter value equals the value programmed into the associated 32-bit
match register.
7.27.2.1 Features
• The RTC resides in a separate “always-on” voltage domain with battery backup. It
utilizes an independent oscillator which is also in the “always-on” domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com