Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 12Page - NXP Semiconductors LPC804 Datasheet HTML 13Page - NXP Semiconductors LPC804 Datasheet HTML 14Page - NXP Semiconductors LPC804 Datasheet HTML 15Page - NXP Semiconductors LPC804 Datasheet HTML 16Page - NXP Semiconductors LPC804 Datasheet HTML 17Page - NXP Semiconductors LPC804 Datasheet HTML 18Page - NXP Semiconductors LPC804 Datasheet HTML 19Page - NXP Semiconductors LPC804 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
16 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9. Functional description
9.1 Arm Cortex-M0+ core
The Arm Cortex-M0+ core runs at an operating frequency of up to 15 MHz using a
two-stage pipeline. The core revision is r0p1.
Integrated in the core are the NVIC and Serial Wire Debug with four breakpoints and two
watchpoints. The Arm Cortex-M0+ core supports a single-cycle I/O enabled port for fast
GPIO access.
The core includes a single-cycle multiplier and a system tick timer.
9.2 On-chip flash program memory
The LPC804 contain up to 32 KB of on-chip EEPROM based flash program memory.
9.3 On-chip SRAM
The LPC804 contain a total of 4 KB on-chip static RAM data memory.
9.4 On-chip ROM
The on-chip ROM contains the bootloader:
• Boot loader.
• Supports Flash In-Application Programming (IAP).
• Supports In-System Programming (ISP) through USART.
• On-chip ROM APIs for integer divide.
• Free Running Oscillator (FRO) API.
9.5 Memory map
The LPC804 incorporates several distinct memory regions. Figure 9 shows the overall
map of the entire address space from the user program viewpoint following reset. The
interrupt vector area supports address remapping.
The Arm private peripheral bus includes the Arm core registers for controlling the NVIC,
the system tick timer (SysTick), and the reduced power modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com