Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 26 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 22Page - NXP Semiconductors LPC804 Datasheet HTML 23Page - NXP Semiconductors LPC804 Datasheet HTML 24Page - NXP Semiconductors LPC804 Datasheet HTML 25Page - NXP Semiconductors LPC804 Datasheet HTML 26Page - NXP Semiconductors LPC804 Datasheet HTML 27Page - NXP Semiconductors LPC804 Datasheet HTML 28Page - NXP Semiconductors LPC804 Datasheet HTML 29Page - NXP Semiconductors LPC804 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
26 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
9.21.1 Features
• Selectable 0 mV, 10 mV ( 5 mV), and 20 mV ( 10 mV), 40 mV ( 20 mV) input
hysteresis.
• Two selectable external voltages (VDD or ACMPVREF); fully configurable on either
positive or negative input channel.
• Internal voltage reference from band gap selectable on either positive or negative
input channel.
• 32-stage voltage ladder with the internal reference voltage selectable on either the
positive or the negative input channel.
• Voltage ladder source voltage is selectable from an external pin or the main 3.3 V
supply voltage rail.
• Voltage ladder can be separately powered down for applications only requiring the
comparator function.
• Interrupt output is connected to NVIC.
• Comparator level output is connected to output pin ACMP_O.
• One comparator output is internally collected to the ADC trigger input multiplexer.
9.22 Analog-to-Digital Converter (ADC)
The ADC supports a resolution of 12 bit and fast conversion rates of up to
480 KSamples/s. Sequences of analog-to-digital conversions can be triggered by multiple
sources. Possible trigger sources are the pin triggers, the analog comparator output, and
the Arm TXEV.
Fig 11. Comparator block diagram
4
32
4
ACMP_I[5:1]
VDD
ACMPVREF
DACOUT_0
internal
voltage
reference
edge detect
sync
comparator
level ACMP_O,
ADC trigger
comparator
edge NVIC
COMPARATOR ANALOG BLOCK
COMPARATOR DIGITAL BLOCK
aaa-027485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com