Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 59 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 59 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 55Page - NXP Semiconductors LPC804 Datasheet HTML 56Page - NXP Semiconductors LPC804 Datasheet HTML 57Page - NXP Semiconductors LPC804 Datasheet HTML 58Page - NXP Semiconductors LPC804 Datasheet HTML 59Page - NXP Semiconductors LPC804 Datasheet HTML 60Page - NXP Semiconductors LPC804 Datasheet HTML 61Page - NXP Semiconductors LPC804 Datasheet HTML 62Page - NXP Semiconductors LPC804 Datasheet HTML 63Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
59 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
13.7 USART interface
The actual USART bit rate depends on the delays introduced by the external trace, the
external device, system clock (CCLK), and capacitive loading. Excluding delays
introduced by external device and PCB, the maximum supported bit rate for USART
master synchronous mode is 10 Mbit/s, and the maximum supported bit rate for USART
slave synchronous mode is 10 Mbit/s.
Remark: USART functions can be assigned to all digital pins. The characteristics are
valid for all digital pins
Table 22.
USART dynamic characteristics
Tamb =
−40 °C to 105 °C; 1.71 V <= VDD <= 3.6 V unless noted otherwise; CL = 10 pF; input slew = 10 ns. Simulated
parameters sampled at the 30 %/70 % level of the falling or rising edge; values guaranteed by design.
Symbol
Parameter
Conditions
Min
Max
Unit
USART master (in synchronous mode)
tsu(D)
data input set-up time
3.0 V <= VDD <= 3.6 V
32
-
ns
1.71 V <= VDD < 3.0 V
38
-
ns
th(D)
data input hold time
3.0 V <= VDD <= 3.6 V
0
-
ns
1.71 V <= VDD < 3.0 V
0
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
3
ns
1.71 V <= VDD < 3.0 V
0
4
ns
USART slave (in synchronous mode)
tsu(D)
data input set-up time
3.0 V <= VDD <= 3.6 V
5
-
ns
1.71 V <= VDD < 3.0 V
4
-
ns
th(D)
data input hold time
3.0 V <= VDD <= 3.6 V
6
-
ns
1.71 V <= VDD < 3.0 V
4
-
ns
tv(Q)
data output valid time
3.0 V <= VDD <= 3.6 V
0
31
ns
1.71 V <= VDD < 3.0 V
0
40
ns
Fig 29. USART timing
Un_SCLK (CLKPOL = 0)
TXD
RXD
Tcy(clk)
tsu(D) th(D)
tv(Q)
START
BIT0
tvQ)
Un_SCLK (CLKPOL = 1)
START
BIT0
BIT1
BIT1
aaa-015074



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com