Electronic Components Datasheet Search
  English  ▼

X  

LPC804 Datasheet(PDF) 54 Page - NXP Semiconductors

Part # LPC804
Description  32-bit Arm짰 Cortex짰-M0 microcontroller; up to 32 KB flash and 4 KB SRAM; 12-bit ADC; Comparator; 10-bit DAC; Capacitive Touch Interface; Programmable Logic Unit
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC804 Datasheet(HTML) 54 Page - NXP Semiconductors

Back Button LPC804 Datasheet HTML 50Page - NXP Semiconductors LPC804 Datasheet HTML 51Page - NXP Semiconductors LPC804 Datasheet HTML 52Page - NXP Semiconductors LPC804 Datasheet HTML 53Page - NXP Semiconductors LPC804 Datasheet HTML 54Page - NXP Semiconductors LPC804 Datasheet HTML 55Page - NXP Semiconductors LPC804 Datasheet HTML 56Page - NXP Semiconductors LPC804 Datasheet HTML 57Page - NXP Semiconductors LPC804 Datasheet HTML 58Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 89 page
background image
LPC804
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2021. All rights reserved.
Product data sheet
Rev. 2.0 — 21 September 2021
54 of 87
NXP Semiconductors
LPC804
32-bit Arm Cortex-M0+ microcontroller
13.4 WKTCLKIN pin (wake-up clock input)
[1]
Assuming a square-wave input clock.
13.5 I2C-bus
[1]
See the I2C-bus specification UM10204 for details.
[2]
Parameters are valid over operating temperature range unless otherwise specified.
[3]
tHD;DAT is the data hold time that is measured from the falling edge of SCL; applies to data in transmission
and the acknowledge.
[4]
A device must internally provide a hold time of at least 300 ns for the SDA signal (with respect to the
VIH(min) of the SCL signal) to bridge the undefined region of the falling edge of SCL.
[5]
Cb = total capacitance of one bus line in pF.
[6]
The maximum tf for the SDA and SCL bus lines is specified at 300 ns. The maximum fall time for the SDA
output stage tf is specified at 250 ns. This allows series protection resistors to be connected in between the
SDA and the SCL pins and the SDA/SCL bus lines without exceeding the maximum specified tf.
[7]
The maximum tHD;DAT could be 3.45 s and 0.9 s for Standard-mode and Fast-mode but must be less than
the maximum of tVD;DAT or tVD;ACK by a transition time (see UM10204). This maximum must only be met if
the device does not stretch the LOW period (tLOW) of the SCL signal. If the clock stretches the SCL, the
data must be valid by the set-up time before it releases the clock.
[8]
tSU;DAT is the data set-up time that is measured with respect to the rising edge of SCL; applies to data in
transmission and the acknowledge.
Table 19.
Dynamic characteristics: WKTCLKIN pin
Tamb =
−40 °C to +105 °C; 1.71 V ≤ VDD ≤ 3.6 V.
Symbol
Parameter
Conditions
Min
Max
Unit
fclk
clock frequency
power-down, deep-sleep, and active
mode
[1]
-
10
MHz
tCHCX
clock HIGH time
-
50
-
ns
tCLCX
clock LOW time
-
50
-
ns
Table 20.
Dynamic characteristic: I2C-bus pins[1]
Tamb =
−40 °C to +105 °C; values guaranteed by design.[2]
Symbol
Parameter
Conditions
Min
Max
Unit
fSCL
SCL clock
frequency
Standard-mode
0
100
kHz
Fast-mode
0
400
kHz
tf
fall time
[4][5][6]
of both SDA and
SCL signals
Standard-mode
-
300
ns
Fast-mode
20 + 0.1
 Cb
300
ns
tLOW
LOW period of
the SCL clock
Standard-mode
4.7
-
s
Fast-mode
1.3
-
s
tHIGH
HIGH period of
the SCL clock
Standard-mode
4.0
-
s
Fast-mode
0.6
-
s
tHD;DAT
data hold time
[3][4][7]
Standard-mode
0
-
s
Fast-mode
0
-
s
tSU;DAT
data set-up
time
[8][9]
Standard-mode
250
-
ns
Fast-mode
100
-
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com